Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0916615 Datasheet (PDF) - PHOENIX CONTACT

0916615 Datasheet PDF - PHOENIX CONTACT
Part # 0916615
Download  0916615 Download
File Size   895.59 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic circuit breaker

0916615 Datasheet (PDF)

Go To PDF Page Download Datasheet
0916615 Datasheet PDF - PHOENIX CONTACT

Part # 0916615
Download  0916615 Click to download

File Size   895.59 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic circuit breaker

0916615 Datasheet (HTML) - PHOENIX CONTACT


0916615 Product details

Description
The ECP-E2… electronic circuit breaker can be used in
applications that cover all aspects of the switched-mode
power supply unit.
In the event of an overload, switched-mode power supply
units reduce their output voltage, which means that all the
connected loads are no longer sufficiently supplied, e.g., in
the event of a short circuit at the load.
The solution here is the ECP-E2… electronic circuit breaker,
which selectively protects all 24 V DC load circuits. The
ECP-E2… constantly limits the residual current to 1.8 times
(or 1.5/1.3 times) the protected nominal current. Capacitive
loads can thus be switched on and loads are only switched
off in the event of an overload or short circuit.
In addition, the ECP-E2… can be controlled remotely by
means of the control input (12), for example, via a PLC, i.e.,
the ECP-E2… is electronically connected by means of an
external +24 V DC permanent signal (at connection 12),
enabling current to flow in the load circuit. Defined
shutdown, independent of the load, is carried out by
applying the ground signal at the same control input (12).
The floating auxiliary contacts of the ECP-E2… can be used
to implement a group query from connection 13 to 14. If a
circuit breaker trips or is disabled, the signal to connection
14 is interrupted.
A multi-color LED and the signal contact indicate the
operating or error state.

Properties
– Selective load protection, electronic shutdown
characteristic curve
– Active current limitation when switching on capacitive
loads up to 20,000 μF and in the event of overload/short
circuit
– Nominal current can be selected in fixed current
strengths from 1 A ... 12 A
– Safe overload shutdown from 1.1 x IN, even for long
load cables or low cable cross-sections
– Manual on/off switch (S1)
– Control input IN+ for remote ON/OFF signal
– Indication by means of LED or signal contact F
– Integrated failsafe element
– Design width of just 12.5 mm per channel
– Can be plugged into a modular base




Similar Part No. - 0916615

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916615 PHOENIX-0916615 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
0916615 PHOENIX-0916615 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
0916615 PHOENIX-0916615 Datasheet
759Kb / 9P
Selective circuit breaker
2009-11-17
0916615 PHOENIX-0916615 Datasheet
720Kb / 9P
Thermomagnetic circuit breaker for mounting in a base
2010-02-17
More results


Similar Description - 0916615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com