Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0SPF030.H Datasheet (PDF) - Littelfuse

0SPF030.H Datasheet PDF - Littelfuse
Part # 0SPF030.H
Download  0SPF030.H Download
File Size   462.29 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SPF SERIES SOLAR FUSES

0SPF030.H Datasheet (PDF)

Go To PDF Page Download Datasheet
0SPF030.H Datasheet PDF - Littelfuse

Part # 0SPF030.H
Download  0SPF030.H Click to download

File Size   462.29 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SPF SERIES SOLAR FUSES

0SPF030.H Datasheet (HTML) - Littelfuse


0SPF030.H Product details

Description
The SPF Solar Protection Fuse series has been specifically
designed for the protection of photovoltaic (PV) systems.
This family of midget-style fuses (10 x 38 mm) can safely
protect PV modules and conductors from reverseovercurrent conditions.
As PV systems have grown in size, so have the
corresponding voltage requirements. This increase in
system voltage has typically been intended to minimize
power loss associated with long conductor runs. Standard
circuit protection devices are not designed to completely
protect photovoltaic panels. However, the SPF series is
UL Listed to safely interrupt faulted circuits up to this
demanding voltage level.
Littelfuse offers multiple ampere ratings to match specific
requirements in a variety of applications.

Features/Benefits
 Full range, fast-acting fuse helps eliminate common lowoverload faults  Prevents power generation losses due to nuisance
tripping from changes in temperature
 Both PCB mount and dead-front holder options available

Applications
 Inverters  Combiner boxes
 Battery charge controllers

Specifications
Voltage Rating 1000 V dc
Amperage Rating 1, 2, 3, 3.5, 4, 5, 6, 8, 10, 12, 15, 20, 25, 30
Max. Interrupting Rating 20 kA - 1 A - 20 A
50 kA - 25 A - 30 A
Time Constant ≤ 2ms
Material Body: Melamine
Caps: Copper Alloy
Approvals UL Listed (File: E339112)
CSA Certified (File: 029862_0_000)
TUV (Cert: J 50494849)
Applicable Standards UL 248-1, 248-19
IEC 60269-6
Environmental RoHS Compliant
Country of Origin Mexico




Similar Part No. - 0SPF030.H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0SPF030.HXCN LITTELFUSE-0SPF030.HXCN Datasheet
628Kb / 7P
SPF_CN Series Solar Fuses
01/08/2026
0SPF030.HXRCN LITTELFUSE-0SPF030.HXRCN Datasheet
628Kb / 7P
SPF_CN Series Solar Fuses
01/08/2026
0SPF030.HXRTCN LITTELFUSE-0SPF030.HXRTCN Datasheet
628Kb / 7P
SPF_CN Series Solar Fuses
01/08/2026
More results


Similar Description - 0SPF030.H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
SPXV SERIES SOLAR FUSE
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Crydom Inc.,
SPFE480D25R CRYDOM-SPFE480D25R Datasheet
625Kb / 5P
SPF Series
logo
Infineon Technologies A...
DF100R07W1H5FP-B54 INFINEON-DF100R07W1H5FP-B54 Datasheet
705Kb / 11P
Solar Anwendungen
V3.0 2017-04-06
logo
Pentair plc. All rights...
PSD30 PENTAIR-PSD30 Datasheet
1Mb / 20P
SOLAR DRIVE
logo
Hongfa Technology
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
SOLAR RELAY
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
SOLAR RELAY
logo
PHOENIX CONTACT
2981457 PHOENIX-2981457 Datasheet
82Kb / 5P
Coupling relay - PSR-SPF-24UC/URM/4X1/2X2
logo
Littelfuse
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com