Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273206 Datasheet (PDF) - PHOENIX CONTACT

3273206 Datasheet PDF - PHOENIX CONTACT
Part # 3273206
Download  3273206 Download
File Size   930.71 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-NS35A GN

3273206 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273206 Datasheet PDF - PHOENIX CONTACT

Part # 3273206
Download  3273206 Click to download

File Size   930.71 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-NS35A GN

3273206 Datasheet (HTML) - PHOENIX CONTACT


3273206 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Block with horizontal alignment and integrated supply, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:green

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273206

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273200 PHOENIX-3273200 Datasheet
931Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BU
Jun 2, 2022
3273202 PHOENIX-3273202 Datasheet
928Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35A RD
Jun 2, 2022
3273204 PHOENIX-3273204 Datasheet
932Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A YE
Jun 3, 2022
3273208 PHOENIX-3273208 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BN
Jun 2, 2022
More results


Similar Description - 3273206

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273198 PHOENIX-3273198 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A GY
May 13, 2022
3273212 PHOENIX-3273212 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BK
May 13, 2022
3273140 PHOENIX-3273140 Datasheet
899Kb / 38P
Distribution block - PTFIX 6X2,5-NS35A GN
Jun 2, 2022
3273338 PHOENIX-3273338 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 GN
Jun 2, 2022
3273208 PHOENIX-3273208 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BN
Jun 2, 2022
3273210 PHOENIX-3273210 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A WH
Jun 2, 2022
3273200 PHOENIX-3273200 Datasheet
931Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BU
Jun 2, 2022
3273202 PHOENIX-3273202 Datasheet
928Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35A RD
Jun 2, 2022
3273204 PHOENIX-3273204 Datasheet
932Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A YE
Jun 3, 2022
3273216 PHOENIX-3273216 Datasheet
932Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A OG
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com