Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273366 Datasheet (PDF) - PHOENIX CONTACT

3273366 Datasheet PDF - PHOENIX CONTACT
Part # 3273366
Download  3273366 Download
File Size   709.44 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5 BK

3273366 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273366 Datasheet PDF - PHOENIX CONTACT

Part # 3273366
Download  3273366 Click to download

File Size   709.44 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5 BK

3273366 Datasheet (HTML) - PHOENIX CONTACT


3273366 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: black

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology




Similar Part No. - 3273366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273360 PHOENIX-3273360 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GN
Jun 2, 2022
3273362 PHOENIX-3273362 Datasheet
711Kb / 32P
Distribution block - PTFIX 6/12X2,5 BN
Jun 13, 2022
3273364 PHOENIX-3273364 Datasheet
711Kb / 32P
Distribution block - PTFIX 6/12X2,5 WH
Jun 16, 2022
3273368 PHOENIX-3273368 Datasheet
710Kb / 31P
Distribution block - PTFIX 6/12X2,5 VT
Jul 20, 2022
3273369 PHOENIX-3273369 Datasheet
706Kb / 31P
Distribution block - PTFIX 6/12X2,5 PK
Sep 8, 2022
More results


Similar Description - 3273366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273234 PHOENIX-3273234 Datasheet
907Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A BK
Jun 2, 2022
3273300 PHOENIX-3273300 Datasheet
704Kb / 31P
Distribution block - PTFIX 12X2,5 BK
Jun 2, 2022
3273102 PHOENIX-3273102 Datasheet
905Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 BK
Jun 2, 2022
3273496 PHOENIX-3273496 Datasheet
621Kb / 29P
Distribution block - PTFIX 6/12X2,5-G BK
Jun 7, 2022
3273168 PHOENIX-3273168 Datasheet
902Kb / 38P
Distribution block - PTFIX 12X2,5-NS35A BK
Jun 2, 2022
3273036 PHOENIX-3273036 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 BK
Jun 15, 2022
3274136 PHOENIX-3274136 Datasheet
623Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A BK
Jun 22, 2022
3274202 PHOENIX-3274202 Datasheet
914Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS15A BK
Jun 15, 2022
3273430 PHOENIX-3273430 Datasheet
620Kb / 28P
Distribution block - PTFIX 12X2,5-G BK
Jun 22, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com