Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATOAFH Datasheet (PDF) - Littelfuse

ATOAFH Datasheet PDF - Littelfuse
Part # ATOAFH
Download  ATOAFH Download
File Size   192.95 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER

ATOAFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ATOAFH Datasheet PDF - Littelfuse

Part # ATOAFH
Download  ATOAFH Click to download

File Size   192.95 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER

ATOAFH Datasheet (HTML) - Littelfuse


ATOAFH Product details

Description
The ATO® AFH Series 32V In-Line Wire-Leaded PanelMount Fuse Holder can be used for either in-line
installation or panel-mounting applications thanks to the
8”looped lead wire and the snap fit gripping arms.
Designed with a 14 AWG black lead wire, the ATO® AFH
Series fuse holder is compatible with ATO® blade-style
fuses (sold separately) up to 20 amps. The interlocking,
heat-stabilized nylon fuse holder body allows you to snap
multiple fuse holders together.

Applications
• Heavy-Duty Automotive Fusing

Features and Benefits
• Accepts ATO® blade-style fuses (sold separately) up to
20 amps
• Interlocking fuse holder body lets you connect multiple
fuse holders
• Heat-stabilized black nylon body has a UL 94 V-2
flammability rating
• 8”looped 14 AWG black lead wire allow simple in-line
installation
• Gripping arms enable optional panel mounting

Specifications
Continuous Current Rating: 15A
Max Current Rating: 20A
Max Current Rating Terminal: 20A
Fuse Type: ATO®
Ignition Protection: V-2
Ignition-Proof: UL 94
Input Terminals: ATO FUSE BLADES
Mounting Method: IN LINE FUSE HOLDER
Output Terminals: WIRE WITH TERMINALS INCLUDED
Max Voltage Rating: 32 VDC
Wire Description: VINIL PLASTIC INSULATED ANNEALED
COPPER CABLE
Wire Size: 14 AWG




Similar Part No. - ATOAFH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATO-01001 ETC2-ATO-01001 Datasheet
166Kb / 2P
1310nm FP LD To-can
ATO-01002 ETC2-ATO-01002 Datasheet
166Kb / 2P
1310nm FP LD To-can
ATO-01003 ETC2-ATO-01003 Datasheet
166Kb / 2P
1310nm FP LD To-can
ATO-01004 ETC2-ATO-01004 Datasheet
166Kb / 2P
1310nm FP LD To-can
ATO-01005 ETC2-ATO-01005 Datasheet
166Kb / 2P
1310nm FP LD To-can
More results


Similar Description - ATOAFH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
0FHP0001Z LITTELFUSE-0FHP0001Z Datasheet
193Kb / 1P
GLASS FHP 32V IN-LINE BAYONET KNOB GLASS FUSE HOLDER
2021
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATO155 LITTELFUSE-ATO155 Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com