Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDBAP421Z Datasheet (PDF) - Littelfuse

GDBAP421Z Datasheet PDF - Littelfuse
Part # GDBAP421Z
Download  GDBAP421Z Download
File Size   473.37 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description GDB SERIES TOUCH-SAFE POWR-BLOKS

GDBAP421Z Datasheet (PDF)

Go To PDF Page Download Datasheet
GDBAP421Z Datasheet PDF - Littelfuse

Part # GDBAP421Z
Download  GDBAP421Z Click to download

File Size   473.37 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description GDB SERIES TOUCH-SAFE POWR-BLOKS

GDBAP421Z Datasheet (HTML) - Littelfuse


GDBAP421Z Product details

Description
POWR-BLOKSTM Global Distribution Blocks add safety and
mounting versatility to our distribution block solutions. The
Global Distribution Blocks are approved to UL standards.
The Global Distribution Blocks are IP20 finger safe to reduce
the risk of contact and eliminate the need for block or panel
covers. Installation is quick and easy, with DIN rail and panel
mount options.

Features/Benefits
• Global part meeting UL standards
• Space saving design
• Integrated touch-safe cover to increase safety
• IP20 protection rating
• Mounts to DIN rail or panels
• Reliable brass connections for excellent continuity
in a smaller design

Specifications
Voltage Rating UL: 600 VAC/VDC
Ampere Rating 80 – 335 A
Material Thermoplastic
Connector GDBxxxx: Brass
GDBAxxxx: Aluminum (Tin Plated)
Flammability Rating UL94 V-0
Approvals UL Recognized (File: E309688, E171395)
UL Listed (File: E482231)
CSA Certified (File: 700111)
Operating Temperature -40°C to +90°C
Storage Temperature -40°C to +100°C
Relative Humidity 50% @ 40°C, 90% @ 20°C
Environmental RoHS compliant




Similar Part No. - GDBAP421Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
GDBAP421Z LITTELFUSE-GDBAP421Z Datasheet
368Kb / 10P
Global Distribution Blocks
More results


Similar Description - GDBAP421Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
LPSC LITTELFUSE-LPSC Datasheet
502Kb / 1P
LPSC/LPSM POWR-SAFE FUSE HOLDERS
LPSM LITTELFUSE-LPSM Datasheet
502Kb / 1P
LPSC/LPSM POWR-SAFE FUSE HOLDERS
LPSM-QC LITTELFUSE-LPSM-QC Datasheet
407Kb / 1P
LPSM QUICK CONNECT POWR-SAFE FUSE HOLDERS
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
LPSC0001ZXID LITTELFUSE-LPSC0001ZXID_V01 Datasheet
275Kb / 1P
LPSC / LPSM POWR-SAFE FUSE HOLDERS
Rev: 083121
LPSM0001ZQCID LITTELFUSE-LPSM0001ZQCID Datasheet
408Kb / 1P
LPSM QUICK CONNECT POWR-SAFE FUSE HOLDERS
Rev: 1-A- 021319
logo
STEGO Elektrotechnik Gm...
CS060 STEGO-CS060 Datasheet
269Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
CSF060 STEGO-CSF060 Datasheet
217Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com