Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDMINI Datasheet (PDF) - Littelfuse

SDMINI Datasheet PDF - Littelfuse
Part # SDMINI
Download  SDMINI Download
File Size   440.47 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SD MINI짰 SERIES FUSE BLOCK WITH LED INDICATORS

SDMINI Datasheet (PDF)

Go To PDF Page Download Datasheet
SDMINI Datasheet PDF - Littelfuse

Part # SDMINI
Download  SDMINI Click to download

File Size   440.47 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SD MINI짰 SERIES FUSE BLOCK WITH LED INDICATORS

SDMINI Datasheet (HTML) - Littelfuse


SDMINI Product details

Description
SD MINI® Fuse Blocks provide a cost effective,
consolidated circuit protection solution. Designed to
accept standard MINI® fuses, these products ensure
the safe distribution of power throughout an application.
Integrated LED blown fuse indicators allow for quick
maintenance, preventing troubleshooting & equipment
downtime. These products are RoHS compliant. Fuses sold
seperately.

Features
• LED blown fuse indicators
• Snap-on insulating cover included

Applications
• Centralized distribution for accessory circuits
• Ideal solution for DIY projects

Benefits
• Centralizes wiring to a convenient location
• Insulating cover provides circuitry protection
• Continuous current rating of 100A

Specifications
Current Rating Max: 100A
Current Rating Max Per Circuit: 30A Max
Fuse Type: MINI® Blade Fuse
Housing: PBT
Input Terminals: 10-32 Stud
Mounting Method: Bolt-Down; 4xM5
Number Of Cavities: 4, 6, or 10 Circuits
(varies by part number)
Output Terminals: 6.3mm Blade
Recommended Torque: 8 in-lb (0.9Nm) Max.
Temperature: -20°C to 85°C
Max Voltage Rating: 32V DC




Similar Part No. - SDMINI

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDM BOURNS-SDM Datasheet
245Kb / 1P
Surface Mount DIP Switch
logo
XP Power Limited
SDM XPPOWER-SDM Datasheet
516Kb / 4P
Medical Approvals
logo
SIRENZA MICRODEVICES
SDM-08060 SIRENZA-SDM-08060 Datasheet
88Kb / 3P
869-894 MHz Class AB 60W Power Amplifier Module
SDM-08060-B1F SIRENZA-SDM-08060-B1F Datasheet
121Kb / 5P
869-894 MHz Class AB 65W Power Amplifier Module
SDM-08060-B1FY SIRENZA-SDM-08060-B1FY Datasheet
121Kb / 5P
869-894 MHz Class AB 65W Power Amplifier Module
More results


Similar Description - SDMINI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
03540544Z LITTELFUSE-03540544Z Datasheet
227Kb / 1P
6-Position MINI짰 Style Fuse Module
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
03540543Z LITTELFUSE-03540543Z Datasheet
227Kb / 1P
6-Position MINI짰 Style Fuse Module
LFNH LITTELFUSE-LFNH Datasheet
365Kb / 4P
LFNH SERIES FUSE BLOCK
Rev: 021119
MINI153-PC LITTELFUSE-MINI153-PC Datasheet
199Kb / 1P
MINI짰 153-PC SERIES FUSE HOLDER
2021
MINIADD-A-CIRCUIT LITTELFUSE-MINIADD-A-CIRCUIT Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
SDATO LITTELFUSE-SDATO Datasheet
411Kb / 1P
SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com