Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-I/SL Datasheet (PDF) - Cirrus Logic

PIC16F616-I/SL Datasheet PDF - Cirrus Logic
Part # PIC16F616-I/SL
Download  PIC16F616-I/SL Download
File Size   2785.16 Kbytes
Page   172 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description 14-Pin Flash-Based, 8-Bit CMOS Microcontrollers

PIC16F616-I/SL Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F616-I/SL Datasheet PDF - Cirrus Logic

Part # PIC16F616-I/SL
Download  PIC16F616-I/SL Click to download

File Size   2785.16 Kbytes
Page   172 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description 14-Pin Flash-Based, 8-Bit CMOS Microcontrollers

PIC16F616-I/SL Datasheet (HTML) - Cirrus Logic


PIC16F616-I/SL Product details

DEVICE OVERVIEW
The PIC16F616/16HV616 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and QFN packages. Figure 1-1 shows a block diagram of the PIC16F616/16HV616 device. Table 1-1 shows the pinout description.

High-Performance RISC CPU:
• Only 35 instructions to learn:
    - All single-cycle instructions except branches
• Operating speed:
    - DC – 20 MHz oscillator/clock input
    - DC – 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes

Special Microcontroller Features:
• Precision Internal Oscillator:
    - Factory calibrated to ±1%, typical
    - Software selectable frequency: 4 MHz or 8 MHz
• Power-Saving Sleep mode
• Voltage range:
    - PIC16F616: 2.0V to 5.5V
    - PIC16HV616: 2.0V to user defined maximum
• Industrial and Extended Temperature range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with independent oscillator for reliable operation
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection
• High Endurance Flash:
    - 100,000 write Flash endurance
    - Flash retention: > 40 years

Low-Power Features:
• Standby Current:
    - 50 nA @ 2.0V, typical
• Operating Current:
    - 20 μA @ 32 kHz, 2.0V, typical
    - 220 μA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
    - 1 μA @ 2.0V, typical

Peripheral Features:
• Shunt Voltage Regulator (PIC16HV616 only):
    - 5 volt regulation
    - 4 mA to 50 mA shunt range
• 11 I/O pins and 1 input only
• High current source/sink for direct LED drive
    - Interrupt-on-Change pin
    - Individually programmable weak pull ups
• Analog Comparator module with:
    - Two analog comparators
    - Programmable on-chip voltage reference (CVREF) module (% of VDD)
    - Comparator inputs and outputs externally accessible
    - SR Latch
    - Built-In Hysteresis (user selectable)
• A/D Converter:
    - 10-bit resolution and 8 channels
• Timer0: 8-bit timer/counter with 8-bit programmable prescaler
• Enhanced Timer1:
    - 16-bit timer/counter with prescaler
    - External Timer1 Gate (count enable)
    - Option to use OSC1 and OSC2 in LP mode as Timer1 oscillator if INTOSC mode selected
    - Option to use system clock as Timer1
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Enhanced Capture, Compare, PWM module:
    - 16-bit Capture, max resolution 12.5 ns
    - Compare, max resolution 200 ns
    - 10-bit PWM with 1, 2 or 4 output channels, programmable “dead time”, max frequency 20 kHz
• In-Circuit Serial ProgrammingTM (ICSPTM) via two pins




Similar Part No. - PIC16F616-I/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F616-I/SL MICROCHIP-PIC16F616-I/SL Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F616-I/SL MICROCHIP-PIC16F616-I/SL Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F616-I/SLQTP MICROCHIP-PIC16F616-I/SLQTP Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F616-I/SLSQTP MICROCHIP-PIC16F616-I/SLSQTP Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
More results


Similar Description - PIC16F616-I/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F753 MICROCHIP-PIC16F753 Datasheet
4Mb / 238P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
11/29/12 2013
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com