Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447732022 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7447732022 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7447732022
Download  7447732022 Download
File Size   468.46 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PD2 SMD Power Inductor

7447732022 Datasheet (PDF)

Go To PDF Page Download Datasheet
7447732022 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447732022
Download  7447732022 Click to download

File Size   468.46 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PD2 SMD Power Inductor

7447732022 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7447732022 Product details

General Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR) -40 °C up to +85 °C
Operating Temperature -40 °C up to +125 °C
Storage Temperature (in original
packaging) -20 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently




Similar Part No. - 7447732022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447732010 WURTH-7447732010 Datasheet
458Kb / 6P
WE-PD2 SMD Power Inductor
001.000
7447732015 WURTH-7447732015 Datasheet
468Kb / 6P
WE-PD2 SMD Power Inductor
001.000
7447732033 WURTH-7447732033 Datasheet
653Kb / 6P
WE-PD2 SMT Power Inductor
002.002
7447732047 WURTH-7447732047 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
7447732068 WURTH-7447732068 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
More results


Similar Description - 7447732022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74477510 WURTH-74477510_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
744773018 WURTH-744773018_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
7447745012 WURTH-7447745012_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
74477450012 WURTH-74477450012_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
744776247 WURTH-744776247_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
7447732047 WURTH-7447732047 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
7447732110 WURTH-7447732110 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
7447732122 WURTH-7447732122 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
7447732133 WURTH-7447732133 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
7447732068 WURTH-7447732068 Datasheet
483Kb / 6P
WE-PD2 SMD Power Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com