Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKCS209-150 Datasheet (PDF) - Vishay Siliconix

VS-VSKCS209-150 Datasheet PDF - Vishay Siliconix
Part # VS-VSKCS209-150
Download  VS-VSKCS209-150 Download
File Size   156.26 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A

VS-VSKCS209-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSKCS209-150 Datasheet PDF - Vishay Siliconix

Part # VS-VSKCS209-150
Download  VS-VSKCS209-150 Click to download

File Size   156.26 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A

VS-VSKCS209-150 Datasheet (HTML) - Vishay Siliconix


VS-VSKCS209-150 Product details

FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink

ELECTRICAL DESCRIPTION / APPLICATIONS
The VS-VSKCS209.. Schottky rectifier common cathode
has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. 
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling diodes, welding, and reverse battery
protection.




Similar Part No. - VS-VSKCS209-150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKCS209 VISHAY-VS-VSKCS209 Datasheet
875Kb / 6P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
More results


Similar Description - VS-VSKCS209-150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKJS203 VISHAY-VS-VSKJS203_V01 Datasheet
177Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
VS-VSKJS209 VISHAY-VS-VSKJS209_V01 Datasheet
157Kb / 6P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
VS-VSKCS200 VISHAY-VS-VSKCS200_V01 Datasheet
178Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
02-May-17
VS-VSKCS201 VISHAY-VS-VSKCS201_V01 Datasheet
176Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
02-May-17
VS-VSKCS203 VISHAY-VS-VSKCS203_V01 Datasheet
176Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
VS-VSKDS400 VISHAY-VS-VSKDS400_V01 Datasheet
183Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
Revisio: 03-May-17
VS-VSKDS401 VISHAY-VS-VSKDS401_V01 Datasheet
184Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
Revision: 03-May-17
VS-VSKDS403 VISHAY-VS-VSKDS403_V01 Datasheet
183Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
Revision: 03-May-17
VS-VSKDS408 VISHAY-VS-VSKDS408_V01 Datasheet
185Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
Revision: 03-May-17
VS-VSKDS409 VISHAY-VS-VSKDS409_V01 Datasheet
175Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com