Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102549 Datasheet (PDF) - PHOENIX CONTACT

102549 Datasheet PDF - PHOENIX CONTACT
Part # 102549
Download  102549 Download
File Size   557.0 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit, primary switched-mode, single-phase, output: 48 V DC /10 A

102549 Datasheet (PDF)

Go To PDF Page Download Datasheet
102549 Datasheet PDF - PHOENIX CONTACT

Part # 102549
Download  102549 Click to download

File Size   557.0 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit, primary switched-mode, single-phase, output: 48 V DC /10 A

102549 Datasheet (HTML) - PHOENIX CONTACT


102549 Product details

Description
QUINT POWER 48 DC is a universal power supply unit of
240 W ... 960 W. In case of a regulated and adjustable output
voltage of 30 V DC ... 56 V DC, output currents of 5 A, 10 A
and 20 A are available.
The devices are built as primary switched-mode controllers
and have a high degree of efficiency, due to which the heat
loss is limited to a minimum.
The high operational safety is guaranteed reliably in unstable
global networks as well. QUINT POWER also functions in
applications where static voltage dips, transient failures of
the supply voltage unit or phase failure are to be expected.
Generously dimensioned capacitors guarantee a mains buffering
of more than 20 ms under full load. All three-phase
QUINT POWER provide full output power, even in the event
of a long-term phase failure.
A reliable starting of complex loads is ensured by a power reserve
of up to 50% – the POWER BOOST.
A preventive function monitoring diagnoses improper operating
states and minimizes downtimes in your system. For remote
monitoring of this state, an active transistor switching
output and a floating relay contact are available.

– Universal power supply unit with an extensive product
range, including special versions and accessories
– Can be used worldwide in all industrial sectors due to a
wide-range input and an international approval package
– High operating safety due to long mains buffering under
full load and high MTBF (> 500,000 h)
– Reliable starting of heavy loads with high inrush currents
through the POWER BOOST power reserve
– High system availability of all three-phase devices, even
if one phase fails permanently
– Active function monitoring through switching output and
preventive function monitoring through floating relay
contact for remote diagnosis
– Parallel connection possible for increased performance
and redundancy
– Simplified commissioning with LED function monitoring




Similar Part No. - 102549

ManufacturerPart #DatasheetDescription
logo
SICK AG
1025490 SICK-1025490 Datasheet
511Kb / 7P
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09
1025492 SICK-1025492 Datasheet
511Kb / 7P
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09
1025499 SICK-1025499 Datasheet
511Kb / 7P
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09
More results


Similar Description - 102549

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
PVSB400 ETC2-PVSB400 Datasheet
1Mb / 2P
Three phase, primary switched mode power supply, Basic
logo
WAGO Kontakttechnik Gmb...
787-845 WAGO-787-845 Datasheet
570Kb / 10P
Switched-mode power supply; Pro; 3-phase; 48 VDC output voltage; 10 A
787-835 WAGO-787-835 Datasheet
545Kb / 10P
Switched-mode power supply; Pro; 1-phase; 48 VDC output voltage;
787-833 WAGO-787-833 Datasheet
539Kb / 9P
Switched-mode power supply; Pro; 1-phase; 48 VDC output voltage;
787-847 WAGO-787-847 Datasheet
440Kb / 10P
Switched-mode power supply; Pro; 3-phase; 48 VDC output voltage
787-1623 WAGO-787-1623 Datasheet
351Kb / 9P
Switched-mode power supply; Classic; 1-phase; 48 VDC output voltage
787-1633 WAGO-787-1633 Datasheet
389Kb / 9P
Switched-mode power supply; Classic; 1-phase; 48 VDC output voltage
787-1635 WAGO-787-1635 Datasheet
362Kb / 10P
Switched-mode power supply; Classic; 1-phase; 48 VDC output voltage
logo
PHOENIX CONTACT
100035 PHOENIX-100035 Datasheet
767Kb / 11P
3-Phase Primary-Switched Power Supply Unit
12/2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com