Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM6020 Datasheet (PDF) - Analog Devices

ADUM6020 Datasheet PDF - Analog Devices
Part # ADUM6020
Download  ADUM6020 Download
File Size   1480.09 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Emission, 5 kV Isolated DC-to-DC Converters

ADUM6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM6020 Datasheet PDF - Analog Devices

Part # ADUM6020
Download  ADUM6020 Click to download

File Size   1480.09 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Emission, 5 kV Isolated DC-to-DC Converters

ADUM6020 Datasheet (HTML) - Analog Devices


ADUM6020 Product details

GENERAL DESCRIPTION
The ADuM6020/ADuM60281 are isoPower®, integrated, isolated
dc-to-dc converters. Based on the Analog Devices, Inc., iCoupler®
technology, these dc-to-dc converters provide regulated, isolated
power that is below CISPR22 Class B limits at full load on a
2‑layer printed circuit board (PCB) with ferrites. Common voltage
combinations and the associated current output levels are shown in
Table 1 through Table 4.
The ADuM6020/ADuM6028 eliminate the need to design and build
isolated dc-to-dc converters in applications up to 500 mW. The
iCoupler chip scale transformer technology is used for the magnetic
components of the dc-to-dc converter. The result is a small form
factor, isolated solution.
The ADuM6020/ADuM6028 isolated dc-to-dc converters provide
two different package variants: the ADuM6020 in a wide-body,
16-lead SOIC_IC package, and the ADuM6028 in the space-saving,
8-lead, wide-body SOIC_IC package. For 5 V input operations,
use the ADuM6020-5BRIZ and the ADuM6028-5BRIZ. For 3.3 V
input to 3.3 V output operations, use the ADuM6020-3BRIZ and
the ADuM6028-3BRIZ. See the Pin Configuration and Function
Descriptions section and the Ordering Guide for more information.

FEATURES
► isoPower integrated, isolated dc-to-dc converter
► 100 mA output current for ADuM6020
► 60 mA output current for ADuM6028
► AEC-Q100 qualified for automotive applications
► Meets CISPR22 Class B emissions limits at full load on a 2‑layer
PCB
► 16-lead SOIC_IC package with 8.3 mm minimum creepage
► 8-lead SOIC_IC package with 8.3 mm minimum creepage
► High temperature operation: 125°C maximum
► Safety and regulatory approvals
► UL recognition
► 5000 V rms for 1 minute per UL 1577
► CSA Component Acceptance Notice 5A
► VDE certificate of conformity
► VDE V 0884-10
► VIORM = 565 V peak
► CQC certification per GB4943.1-2011

APPLICATIONS
► RS-485/RS-422/CAN transceiver power
► Power supply start-up bias and gate drives
► Isolated sensor interfaces
► Automotive on-board charger (OBC) and dc to dc
► Industrial PLCs




Similar Part No. - ADUM6020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6020 AD-ADUM6020 Datasheet
589Kb / 20P
Low Emission, 5 kV Isolated DC-to-DC Converters
12/2018-Rev. 0 to Rev. A
ADUM6020 AD-ADUM6020 Datasheet
1Mb / 22P
Low Emission, 5 kV Isolated DC-to-DC Converters
Rev. D
ADUM6020-3BRIZ AD-ADUM6020-3BRIZ Datasheet
589Kb / 20P
Low Emission, 5 kV Isolated DC-to-DC Converters
12/2018-Rev. 0 to Rev. A
ADUM6020-3BRIZ AD-ADUM6020-3BRIZ Datasheet
1Mb / 22P
Low Emission, 5 kV Isolated DC-to-DC Converters
Rev. D
ADUM6020-3BRIZ-RL AD-ADUM6020-3BRIZ-RL Datasheet
589Kb / 20P
Low Emission, 5 kV Isolated DC-to-DC Converters
12/2018-Rev. 0 to Rev. A
More results


Similar Description - ADUM6020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI1-DCH01_09 Datasheet
417Kb / 15P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
logo
Analog Devices
ADUM6000 AD-ADUM6000 Datasheet
401Kb / 16P
Isolated, 5 kV, DC-to-DC Converter
REV. D
ADUM5000ARWZ-RL AD-ADUM5000ARWZ-RL Datasheet
334Kb / 16P
2.5 kV, Isolated DC-to-DC Converter
REV. B
ADUM5000WARWZ AD-ADUM5000WARWZ Datasheet
334Kb / 16P
2.5 kV, Isolated DC-to-DC Converter
REV. B
logo
Texas Instruments
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Analog Devices
ADUM6020 AD-ADUM6020 Datasheet
589Kb / 20P
Low Emission, 5 kV Isolated DC-to-DC Converters
12/2018-Rev. 0 to Rev. A
ADUM5020 AD-ADUM5020 Datasheet
548Kb / 20P
Low Emission, Isolated DC-to-DC Converters
12/2018-Rev. 0 to Rev. A
ADUM5000W AD-ADUM5000W Datasheet
331Kb / 15P
2.5 kV, Isolated DC-to-DC Converter
8/2016-Rev. 0 to Rev. A
ADUM5000 AD-ADUM5000_V01 Datasheet
334Kb / 16P
2.5 kV, Isolated DC-to-DC Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com