Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2138652533 Datasheet (PDF) - Molex Electronics Ltd.

2138652533 Datasheet PDF - Molex Electronics Ltd.
Part # 2138652533_V01
Download  2138652533 Download
File Size   39.17 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 5k# Resistance at 25째C with 2% Tolerance, Black

2138652533 Datasheet (PDF)

Go To PDF Page Download Datasheet
2138652533 Datasheet PDF - Molex Electronics Ltd.

Part # 2138652533_V01
Download  2138652533 Click to download

File Size   39.17 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 5k# Resistance at 25째C with 2% Tolerance, Black

2138652533 Datasheet (HTML) - Molex Electronics Ltd.


2138652533 Product details

General
Product Family Cable Assemblies
Series 213865
Application Temperature Sensing
Assembly Configuration Dual Ended Connectors
Beta Value (K) 3982
Connector to Connector Ring Term-to-Micro-Lock Plus
Overmolded No
Overview Temperature Sensor Cable Assemblies
Product Name NTC Temperature Sensor
Resistance Tolerance (%) 2
Resistance at 25°C (kohms) 5
Stud Size 6 (M3.5)
Type Discrete Wire Assembly
UPC 193264538553




Similar Part No. - 2138652533_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2138652533 MOLEX-2138652533 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 5k# Resistance at 25째C with 2% Tolerance, Black
More results


Similar Description - 2138652533_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2138652033 MOLEX-2138652033 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 100k# Resistance at 25째C with 2% Tolerance, Black
2138652233 MOLEX-2138652233 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 2.25k# Resistance at 25째C with 2% Tolerance, Black
2138652333 MOLEX-2138652333 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 3k# Resistance at 25째C with 2% Tolerance
2138652433 MOLEX-2138652433 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 4.70k# Resistance at 25째C with 2% Tolerance, Black
2138652533 MOLEX-2138652533 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 5k# Resistance at 25째C with 2% Tolerance, Black
2138652633 MOLEX-2138652633 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 10k# Resistance at 25째C with 2% Tolerance, Black
2138652733 MOLEX-2138652733 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 12k# Resistance at 25째C with 2% Tolerance, Black
2138652833 MOLEX-2138652833 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 20k# Resistance at 25째C with 2% Tolerance, Black
2138652933 MOLEX-2138652933 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 30k# Resistance at 25째C with 2% Tolerance, Black
2138652433 MOLEX-2138652433_V01 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 4.70k# Resistance at 25째C with 2% Tolerance, Black
08/26/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com