Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-MBRB20CTHM3 Datasheet (PDF) - Vishay Siliconix

VS-MBRB20CTHM3 Datasheet PDF - Vishay Siliconix
Part # VS-MBRB20CTHM3
Download  VS-MBRB20CTHM3 Download
File Size   199.22 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 10 A

VS-MBRB20CTHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-MBRB20CTHM3 Datasheet PDF - Vishay Siliconix

Part # VS-MBRB20CTHM3
Download  VS-MBRB20CTHM3 Click to download

File Size   199.22 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 10 A

VS-MBRB20CTHM3 Datasheet (HTML) - Vishay Siliconix


VS-MBRB20CTHM3 Product details

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Center tap D2PAK and TO-262 packages
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified, meets JESD 201 class 1 whisker test
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.




Similar Part No. - VS-MBRB20CTHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBRB20CTHM3 VISHAY-VS-MBRB20CTHM3 Datasheet
196Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
03-Mar-15
More results


Similar Description - VS-MBRB20CTHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR20CTHN3 VISHAY-VS-MBR20CTHN3 Datasheet
155Kb / 7P
High Performance Schottky Rectifier, 2 x 10 A
05-Mar-14
VS-MBRB20CTHM3 VISHAY-VS-MBRB20CTHM3 Datasheet
196Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
03-Mar-15
VS-MBRB20CTPBF VISHAY-VS-MBRB20CTPBF Datasheet
179Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
18-Oct-16
VS-20CTQ150SHM3 VISHAY-VS-20CTQ150SHM3 Datasheet
193Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
21-Aug-14
VS-20CTQS-M3 VISHAY-VS-20CTQS-M3 Datasheet
196Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
26-Feb-14
VS-20CTQ150-M3 VISHAY-VS-20CTQ150-M3 Datasheet
166Kb / 7P
High Performance Schottky Rectifier, 2 x 10 A
14-Aug-17
VS-MBRB20CTPBF VISHAY-VS-MBRB20CTPBF_V01 Datasheet
155Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
16-Jan-12
VS-20CTQ150SHM3 VISHAY-VS-20CTQ150SHM3_V01 Datasheet
196Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-14
VS-20CTQS-M3 VISHAY-VS-20CTQS-M3_V01 Datasheet
231Kb / 8P
High Performance Schottky Rectifier, 2 x 10 A
21-Dec-2021
VS-20CTQHN3 VISHAY-VS-20CTQHN3_V01 Datasheet
216Kb / 9P
High Performance Schottky Rectifier, 2 x 10 A
18-Feb-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com