Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1102A Datasheet (PDF) - ADL Embedded Solutions

ALD1102A Datasheet PDF - ADL Embedded Solutions
Part # ALD1102A
Download  ALD1102A Download
File Size   67.67 Kbytes
Page   7 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description DUAL P-CHANNEL MATCHED MOSFET PAIR

ALD1102A Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1102A Datasheet PDF - ADL Embedded Solutions

Part # ALD1102A
Download  ALD1102A Click to download

File Size   67.67 Kbytes
Page   7 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description DUAL P-CHANNEL MATCHED MOSFET PAIR

ALD1102A Datasheet (HTML) - ADL Embedded Solutions


ALD1102A Product details

GENERAL DESCRIPTION
The ALD1102 is a monolithic dual P-channel matched transistor pair
intended for a broad range of analog applications. These enhancementmode
transistors are manufactured with Advanced Linear Devices' enhanced
ACMOS silicon gate CMOS process.
The ALD1102 offers high input impedance and negative current temperature
coefficient. The transistor pair is matched for minimum offset voltage
and differential thermal response, and it is designed for switching and
amplifying applications in -2V to -10V systems where low input bias
current, low input capacitance and fast switching speed are desired.
Since these are MOSFET devices, they feature very large (almost infinite)
current gain in a low frequency, or near DC, operating environment. When
used with an ALD1101, a dual CMOS analog switch can be constructed.
In addition, the ALD1102 is intended as a building block for differential
amplifier input stages, transmission gates, and multiplexer applications.
The ALD1102 is suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the Field Effect
Transistors result in extremely low current loss through the control gate.
The DC current gain is limited by the gate input leakage current, which is
specified at 50pA at room temperature. For example, DC beta of the
device at a drain current of 5mA at 25°C is = 5mA/50pA = 100,000,000.

FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos grades -- 2mV, 5mV, 10mV
• High input impedance -- 1012Ω typical
• Low input and output leakage currents
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Analog switches
• Choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog inverter




Similar Part No. - ALD1102A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1102A ALD-ALD1102A Datasheet
27Kb / 4P
DUAL P-CHANNEL MATCHED MOSFET PAIR
1998
ALD1102APA ALD-ALD1102APA Datasheet
27Kb / 4P
DUAL P-CHANNEL MATCHED MOSFET PAIR
1998
ALD1102APAL ALD-ALD1102APAL Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1102ASAL ALD-ALD1102ASAL Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
More results


Similar Description - ALD1102A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1102 ALD-ALD1102 Datasheet
27Kb / 4P
DUAL P-CHANNEL MATCHED MOSFET PAIR
1998
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1102 ALD-ALD1102_12 Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com