Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1704GDA Datasheet (PDF) - ADL Embedded Solutions

ALD1704GDA Datasheet PDF - ADL Embedded Solutions
Part # ALD1704GDA
Download  ALD1704GDA Download
File Size   79.52 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD1704GDA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1704GDA Datasheet PDF - ADL Embedded Solutions

Part # ALD1704GDA
Download  ALD1704GDA Click to download

File Size   79.52 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD1704GDA Datasheet (HTML) - ADL Embedded Solutions


ALD1704GDA Product details

GENERAL DESCRIPTION
The ALD1704A/ALD1704B/ALD1704/ALD1704G is a CMOS monolithic
operational amplifier with MOSFET input that has rail-to-rail input and
output voltage ranges. The input voltage range and output voltage range
are very close to the positive and negative power supply voltages.
Typically the input voltage can be beyond positive power supply voltage
V+, or the negative power supply voltage V- by up to 300mV. The output
voltage swings to within 60mV of either positive or negative power supply
voltages at rated load.
This device is designed as an alternative to the popular JFET input
operational amplifiers in applications where lower operating voltages,
such as 9V battery or ±3.25V to ±5V power supplies are being used. It
offers high slew rate of 5V/μs at low operating power of 30mW. Since the
ALD1704A/ALD1704B/ALD1704/ALD1704G is designed and manufactured
with Advanced Linear Devices' standard enhanced ACMOS silicon
gate CMOS process, it also offers low unit cost and exceptional reliability.
The rail-to-rail input and output feature of the ALD1704A/ALD1704B/
ALD1704/ALD1704G allows a lower operating supply voltage for a given
signal voltage range and allows numerous analog serial stages to be
implemented without losing operating voltage margin. The output stage
is designed to drive up to 10mA into 400pF capacitive and 1.5KΩ resistive
loads at unity gain and up to 4000 pF at a gain of 5. Short circuit protection
to either ground or the power supply rails is at approximately 15mA clamp
current. Due to complementary output stage design, the output can both
source and sink 10mA into a load with symmetrical drive and is ideally
suited for applications where push-pull voltage drive is desired.
The offset voltage is trimmed on-chip to eliminate the need for external
nulling in many applications. For precision applications, the output is
designed to settle to 0.1% in 2μs. For large signal buffer applications, the
operational amplifier can function as an ultra high input impedance
voltage follower/buffer that allows input and output voltage swings from
positive to negative supply voltages. This feature is intended to greatly
simplify systems design and eliminate higher voltage power supplies in
many applications. Additionally, robust design and rigorous screening
make this device especially suitable for operation in temperature-extreme
environments and rugged conditions.

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable
instruments
• Signal conditioning circuits
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
• Capacitive sensor amplifier
• Piezoelectric transducer amplifier

FEATURES
• Rail-to-rail input and output voltage ranges
• 5.0V/μs slew rate
• Output settles to 2mV of supply rails
• High capacitive load capability -- up to 4000pF
• Symmetrical push-pull output drives
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents -- 1.0pA
typical (20pAMax)
• Ideal for high source impedance applications
• High voltage gain -- typically 150V/mV
• Output short circuit protected
• Unity gain bandwidth of 2.1MHz
• Suitable for rugged, temperature-extreme
environments




Similar Part No. - ALD1704GDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704GDA ALD-ALD1704GDA Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD1704GDA ALD-ALD1704GDA Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Similar Description - ALD1704GDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com