Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD500ASWC17BIT Datasheet (PDF) - ADL Embedded Solutions

ALD500ASWC17BIT Datasheet PDF - ADL Embedded Solutions
Part # ALD500ASWC17BIT
Download  ALD500ASWC17BIT Download
File Size   70.29 Kbytes
Page   11 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description PRECISION INTEGRATING ANALOG PROCESSOR

ALD500ASWC17BIT Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD500ASWC17BIT Datasheet PDF - ADL Embedded Solutions

Part # ALD500ASWC17BIT
Download  ALD500ASWC17BIT Click to download

File Size   70.29 Kbytes
Page   11 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description PRECISION INTEGRATING ANALOG PROCESSOR

ALD500ASWC17BIT Datasheet (HTML) - ADL Embedded Solutions


ALD500ASWC17BIT Product details

APPLICATIONS
• 4 1/2 digits to 5 1/2 digits plus sign measurements
• Precision analog signal processor
• Precision sensor interface
• High accuracy DC measurement functions
• Portable battery operated instruments
• Computer peripheral
• PCMCIA

GENERAL DESCRIPTION
The ALD500AU/ALD500A/ALD500 are integrating dual slope analog
processors, designed to operate on ±5V power supplies for building
precision analog-to-digital converters. The ALD500AU/ALD500A/
ALD500 feature specifications suitable for 18 bit/17 bit/16 bit resolution
conversion, respectively. Together with three capacitors, one resistor,
a precision voltage reference, and a digital controller, a precision
Analog to Digital converter with auto zero can be implemented. The
digital controller can be implemented by an external microcontroller,
under either hardware (fixed logic) or software control. For ultra high
resolution applications, up to 23 bit conversion can be implemented with
an appropriate digital controller and software.
The ALD500 series of analog processors accept differential inputs and
the external digital controller first counts the number of pulses at a fixed
clock rate that a capacitor requires to integrate against an unknown
analog input voltage, then counts the number of pulses required to
deintegrate the capacitor against a known reference voltage. This
unknown analog voltage can then be converted by the microcontroller
to a digital word, which is translated into a high resolution number,
representing an accurate reading. This reading, when ratioed against
the reference voltage, yields an accurate, absolute voltage measurement
reading.
The ALD500 analog processors consist of on-chip digital control circuitry
to accept control inputs, integrating buffer amplifiers, analog switches,
and voltage comparators. It functions in four operating modes, or
phases, namely auto zero, integrate, deintegrate, and integrator zero
phases. At the end of a conversion, the comparator output goes from
high to low when the integrator crosses zero during deintegration.
ALD500 analog processors also provide direct logic interface to CMOS
logic families.

BENEFITS
• Wide dynamic signal range
• Very high noise immunity
• Low cost, simple functionality
• Automatic compensation and cancellation of
error sources
• Easy to use to acquire true 18 bit,17 bit, or
16 bit conversion and noise performance
• Inherently linear and stable with temperature
and component variations

FEATURES
• Resolution up to 18 bits plus sign bit
and over-range bit
• Accuracy independent of input source
impedances
• High input impedance of 1012 W
• Inherently filters and integrates any
external noise spikes
• Differential analog input
• Wide bipolar analog input voltage
range ±3.5V
• Automatic zero offset compensation
• Low linearity error - as low as 0.002%
• Fast zero-crossing comparator - 1ms
• Low power dissipation - 6mW typical
• Automatic internal polarity detection
• Low input current - 2pA typical
• Microprocessor controlled conversion
• Optional digital control from a microcontroller,
an ASIC, or a dedicated digital circuit
• Flexible conversion speed versus resolution
trade-off




Similar Part No. - ALD500ASWC17BIT

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD500ASWC ALD-ALD500ASWC Datasheet
88Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
More results


Similar Description - ALD500ASWC17BIT

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
UC19432 TI-UC19432 Datasheet
141Kb / 5P
Precision Analog Controller
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
ALD500RAU ALD-ALD500RAU Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
Analog Servo Processor
logo
Texas Instruments
UC29432 TI1-UC29432_09 Datasheet
1Mb / 9P
Precision Analog Controller
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
Precision ANALOG MULTIPLIER
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com