Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273252 Datasheet (PDF) - PHOENIX CONTACT

3273252 Datasheet PDF - PHOENIX CONTACT
Part # 3273252
Download  3273252 Download
File Size   913.83 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-NS35A BN

3273252 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273252 Datasheet PDF - PHOENIX CONTACT

Part # 3273252
Download  3273252 Click to download

File Size   913.83 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-NS35A BN

3273252 Datasheet (HTML) - PHOENIX CONTACT


3273252 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Block with horizontal alignment and integrated supply, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection,Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:brown

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273252

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273250 PHOENIX-3273250 Datasheet
913Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A GN
Jun 7, 2022
3273254 PHOENIX-3273254 Datasheet
913Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A WH
Jun 3, 2022
3273256 PHOENIX-3273256 Datasheet
911Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A BK
Jun 2, 2022
3273258 PHOENIX-3273258 Datasheet
909Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A VT
Jul 21, 2022
3273259 PHOENIX-3273259 Datasheet
907Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A PK
Jul 21, 2022
More results


Similar Description - 3273252

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273120 PHOENIX-3273120 Datasheet
909Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 BN
May 13, 2
3273250 PHOENIX-3273250 Datasheet
913Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A GN
Jun 7, 2022
3273242 PHOENIX-3273242 Datasheet
912Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A GY
Jun 2, 2022
3273256 PHOENIX-3273256 Datasheet
911Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A BK
Jun 2, 2022
3273384 PHOENIX-3273384 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 BN
Jun 2, 2022
3273230 PHOENIX-3273230 Datasheet
909Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A BN
Jun 22, 2022
3273514 PHOENIX-3273514 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G BN
Jun 23, 2022
3274220 PHOENIX-3274220 Datasheet
919Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS15A BN
Jun 23, 2022
3273318 PHOENIX-3273318 Datasheet
708Kb / 30P
Distribution block - PTFIX 18X2,5 BN
Jul 20, 2022
3273186 PHOENIX-3273186 Datasheet
910Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A BN
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com