Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8614A Datasheet (PDF) - Maxim Integrated Products

MAX8614A Datasheet PDF - Maxim Integrated Products
Part # MAX8614A
Download  MAX8614A Download
File Size   398.78 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Output ( and -) DC-DC

MAX8614A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8614A Datasheet PDF - Maxim Integrated Products

Part # MAX8614A
Download  MAX8614A Click to download

File Size   398.78 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Output ( and -) DC-DC

MAX8614A Datasheet (HTML) - Maxim Integrated Products


MAX8614A Product details

General Description
The MAX8614A/MAX8614B dual-output step-up DC-DC converters generate both a positive and negative supply voltage that are each independently regulated. The positive output delivers up to 50mA while the inverter supplies up to 100mA with input voltages between 2.7V and 5.5V. The MAX8614A/MAX8614B are ideal for powering CCD imaging devices and displays in digital cameras and other portable equipment.

Features
● Dual Output Voltages (+ and -)
● Adjustable Up to +24V and Down to -10V at 5.5VIN
● Output Short/Overload Protection
● True Shutdown on Both Outputs
● Controlled Inrush Current During Soft-Start
● Selectable Power-On Sequencing
● Up to 90% Efficiency
● 1µA Shutdown Current
● 1MHz Fixed-Frequency PWM Operation
● Fault-Condition Flag
● Thermal Shutdown
● Small, 3mm x 3mm, 14-Pin TDFN Package

Applications
● CCD Bias Supplies and OLED Displays
● Digital Cameras
● Camcorders and Portable Multimedia
● PDAs and Smartphones




Similar Part No. - MAX8614A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8614AETD MAXIM-MAX8614AETD Datasheet
1Mb / 16P
Dual-Output ( and -) DC-DC Converters for CCD
Rev 3; 12/19
More results


Similar Description - MAX8614A

ManufacturerPart #DatasheetDescription
logo
Make-Ps
700PW MAKE-PS-700PW Datasheet
163Kb / 3P
Single and Dual Output DC/DC Converter
1500WFR MAKE-PS-1500WFR Datasheet
150Kb / 3P
Single and Dual Output DC/DC Converter
logo
SL Power Electronics
DC1_DD SLPOWER-DC1_DD Datasheet
250Kb / 2P
1W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
TDK Electronics
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
logo
Maxim Integrated Produc...
MAX8614 MAXIM-MAX8614 Datasheet
1Mb / 16P
Dual-Output ( and -) DC-DC Converters for CCD
Rev 3; 12/19
logo
TDK Electronics
PXD40 TDK-PXD40 Datasheet
1Mb / 7P
40W Single and Dual Output DC-DC converters
April 20, 2022 V1
PXD60 TDK-PXD60 Datasheet
2Mb / 7P
60W Single and Dual Output DC-DC converters
April 13th, 2022 V2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com