Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS61CTQ045-M3 Datasheet (PDF) - Vishay Siliconix

VS61CTQ045-M3 Datasheet PDF - Vishay Siliconix
Part # VS61CTQ045-M3
Download  VS61CTQ045-M3 Download
File Size   168.66 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 30 A

VS61CTQ045-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS61CTQ045-M3 Datasheet PDF - Vishay Siliconix

Part # VS61CTQ045-M3
Download  VS61CTQ045-M3 Click to download

File Size   168.66 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 30 A

VS61CTQ045-M3 Datasheet (HTML) - Vishay Siliconix


VS61CTQ045-M3 Product details

FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified according to JEDEC®-JESD 47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.




Similar Part No. - VS61CTQ045-M3

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS6-L2-00 ASTEC-VS6-L2-00 Datasheet
2Mb / 8P
1000 - 2500 Watts
logo
Emerson Network Power
VS6-L2-00 EMERSON-NETWORKPOWER-VS6-L2-00 Datasheet
346Kb / 8P
VS Series
logo
New Jersey Semi-Conduct...
VS60 NJSEMI-VS60 Datasheet
102Kb / 1P
These rectifiers offer high voltage ranges in minimum-sized
logo
Coherent Corp
VS600HD COHERENT-VS600HD Datasheet
580Kb / 7P
VisualStation VS600HD
logo
SHENZHEN DOINGTER SEMIC...
VS6038AD DOINGTER-VS6038AD Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - VS61CTQ045-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60CTQ150HN3 VISHAY-VS-60CTQ150HN3 Datasheet
166Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
09-Jan-15
VS-60CPQ150HN3 VISHAY-VS-60CPQ150HN3 Datasheet
160Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
01-Feb-18
VS-61CTQ035-M3 VISHAY-VS-61CTQ035-M3 Datasheet
165Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
18-Aug-17
VS-62CTQ030-M3 VISHAY-VS-62CTQ030-M3 Datasheet
172Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
15-Aug-17
VS-63CPQ100HN3 VISHAY-VS-63CPQ100HN3 Datasheet
153Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
05-Jul-2018
VS-60CTQ150-M3 VISHAY-VS-60CTQ150-M3_V01 Datasheet
175Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
22-Dec-2021
VS-60CTQ150HN3 VISHAY-VS-60CTQ150HN3_V01 Datasheet
159Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
09-Jan-15
VS-62CTQ030-M3 VISHAY-VS-62CTQ030-M3_V01 Datasheet
176Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
22-Dec-2021
VS-60CPQ150HN3 VISHAY-VS-60CPQ150HN3_V01 Datasheet
160Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
01-Feb-18
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3_V01 Datasheet
167Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
22-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com