Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80CPU02-N3 Datasheet (PDF) - Vishay Siliconix

VS-80CPU02-N3 Datasheet PDF - Vishay Siliconix
Part # VS-80CPU02-N3_V01
Download  VS-80CPU02-N3 Download
File Size   175.38 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 40 A

VS-80CPU02-N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-80CPU02-N3 Datasheet PDF - Vishay Siliconix

Part # VS-80CPU02-N3_V01
Download  VS-80CPU02-N3 Click to download

File Size   175.38 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 40 A

VS-80CPU02-N3 Datasheet (HTML) - Vishay Siliconix


VS-80CPU02-N3 Product details

FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and
long term reliability
• Designed and qualified according to JEDEC-JESD47
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
The VS-80CPQ150... center tap Schottky rectifier series has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters
freewheeling diodes, and reverse battery protection.




Similar Part No. - VS-80CPU02-N3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3 Datasheet
127Kb / 7P
Ultrafast Rectifier, 2 x 40 A FRED Pt®
30-Sep-11
More results


Similar Description - VS-80CPU02-N3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 40 A
16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 40 A
12-Sep-08
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
Schottky Rectifier, 2 x 40 A
21-Aug-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
Schottky Rectifier, 2 x 40 A
13-Aug-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
VS-80CPQ020-N3 VISHAY-VS-80CPQ020-N3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 40 A
03-Jan-18
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
Schottky Rectifier, 2 x 40 A
17-Jul-13
logo
STMicroelectronics
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com