Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4704DB Datasheet (PDF) - Advanced Linear Devices

ALD4704DB Datasheet PDF - Advanced Linear Devices
Part # ALD4704DB
Download  ALD4704DB Download
File Size   89.42 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD4704DB Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD4704DB Datasheet PDF - Advanced Linear Devices

Part # ALD4704DB
Download  ALD4704DB Click to download

File Size   89.42 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD4704DB Datasheet (HTML) - Advanced Linear Devices


ALD4704DB Product details

GENERAL DESCRIPTION
The ALD4704A/ALD4704B/ALD4704 is a dual monolithic operational
amplifier with MOSFET input that has rail-to-rail input and output voltage
ranges. The input voltage range and output voltage range are very close
to the positive and negative power supply voltages. Typically the input
voltage can be beyond positive power supply voltage V+ or the negative
power supply voltage V- by up to 300mV. The output voltage swings to
within 60mV of either positive or negative power supply voltages at rated
load.
With high impedance load, the output voltage of the ALD4704A/
ALD4704B/ALD4704 approaches within 1mV of the power supply rails.
This device is designed as an alternative to the popular J-FET input
operational amplifier in applications where lower operating voltages,
such as 9V battery or ±3.25V to ±5V power supplies are being used. The
ALD4704A/ALD4704B/ALD4704 offers high slew rate of 5V/μs. It is
designed and manufactured with Advanced Linear Devices' standard
enhanced ACMOS silicon gate CMOS process, and it offers low unit
cost and exceptional reliability.
The rail-to-rail input and output feature of the ALD4704A/ALD4704B/
ALD4704 expands signal voltage range for a given operating supply
voltage and allows numerous analog serial stages to be implemented
without losing operating voltage margin. The output stage is designed
to drive up to 10mA into 400pF capacitive and 1.5KΩ resistive loads at
unity gain and up to 4000pF at a gain of 5. Short circuit protection to either
ground or the power supply rails is at approximately 15mA clamp
current. Due to complementary output stage design, the output can
source and sink 10mA into a load with symmetrical drive and is ideally
suited for applications where push-pull voltage drive is desired.
For each of the operational amplifier, the offset voltage is trimmed onchip
to eliminate the need for external nulling in many applications. For
precision applications, the output is designed to settle to 0.1% in 2μs. In
large signal buffer applications, the operational amplifier can function as
an ultrahigh input impedance voltage follower /buffer that allows input
and output voltage swings from positive to negative supply voltages.
This feature is intended to greatly simplify systems design and eliminate
higher voltage power supplies in many applications. Additionally, robust
design and rigorous screening make this device especially suitable for
operation in temperature-extreme environments and rugged conditions.

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable
instruments
• Signal conditioning circuits
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
• Capacitive sensor amplifier
• Piezoelectric transducer amplifier

FEATURES
• Rail-to-rail input and output voltage ranges
• 5.0V/μs slew rate
• Symmetrical push-pull output drive
• Inputs can extend beyond supply rails by 300mV
• Outputs settle to 2mV of supply rails
• High capacitive load capability -- up to 4000pF
• No frequency compensation required -- unity
gain stable
• Extremely low input bias currents -- 1.0pA
typical (20pA max.)
• Ideal for high source impedance applications
• High voltage gain -- 100V/mV typical
• Output short circuit protected
• Unity gain bandwidth of 2.1MHz
• Suitable for rugged, temperature-extreme
environments




Similar Part No. - ALD4704DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4704DB ALD-ALD4704DB Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Similar Description - ALD4704DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com