Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-60CPU03W-N3 Datasheet (PDF) - Vishay Siliconix

VS-60CPU03W-N3 Datasheet PDF - Vishay Siliconix
Part # VS-60CPU03W-N3
Download  VS-60CPU03W-N3 Download
File Size   149.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, FRED Pt®, 2 x 30 A

VS-60CPU03W-N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-60CPU03W-N3 Datasheet PDF - Vishay Siliconix

Part # VS-60CPU03W-N3
Download  VS-60CPU03W-N3 Click to download

File Size   149.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, FRED Pt®, 2 x 30 A

VS-60CPU03W-N3 Datasheet (HTML) - Vishay Siliconix


VS-60CPU03W-N3 Product details

FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Designed and qualified according to
JEDEC®-JESD 47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION / APPLICATIONS
This series is the state of the art ultrafast recovery rectifiers
designed with optimized performance of forward voltage
drop and ultrafast recovery time.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness, and
reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, welding, UPS, DC/DC converters as well as
freewheeling diodes in low voltage inverters, and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.




Similar Part No. - VS-60CPU03W-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60CPU03W-N3 VISHAY-VS-60CPU03W-N3 Datasheet
143Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
10-Jul-15
More results


Similar Description - VS-60CPU03W-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
26-Jan-12
60CPU06-F VISHAY-60CPU06-F_12 Datasheet
166Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
26-Jan-12
VS-60CPU02-F VISHAY-VS-60CPU02-F Datasheet
168Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
26-Jan-12
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
18-Oct-16
VS-60CPU03W-N3 VISHAY-VS-60CPU03W-N3 Datasheet
143Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
10-Jul-15
VS-CPU6006L-M3 VISHAY-VS-CPU6006L-M3 Datasheet
249Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
18-Sep-14
VS-CPU6006-N3 VISHAY-VS-CPU6006-N3 Datasheet
163Kb / 8P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
17-Jul-13
VS-CPU6006-N3 VISHAY-VS-CPU6006-N3_V01 Datasheet
165Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
09-Oct-2019
VS-60CPU02-N3 VISHAY-VS-60CPU02-N3 Datasheet
167Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
09-Oct-2018
VS-60CPU04-N3 VISHAY-VS-60CPU04-N3_V01 Datasheet
162Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
09-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com