Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8006-H Datasheet (PDF) - Toshiba Semiconductor

TPCA8006-H Datasheet PDF - Toshiba Semiconductor
Part # TPCA8006-H
Download  TPCA8006-H Download
File Size   40.55 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSVII)

TPCA8006-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCA8006-H Datasheet PDF - Toshiba Semiconductor

Part # TPCA8006-H
Download  TPCA8006-H Click to download

File Size   40.55 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSVII)

TPCA8006-H Datasheet (HTML) - Toshiba Semiconductor


TPCA8006-H Product details

Switching Regulator Applications
Motor Drive Applications
DC/ DC Converter Applications

• Small footprint due to a small and thin package
• High speed switching
• Low drain-source ON-resistance
                                : RDS (ON) = 41 mΩ (typ.) (VG=10V, ID=9A)
• High forward transfer admittance: |Yfs| = 15 S (typ.)
• Low leakage current: IDSS = 100 µA (max) (VDS = 100 V)
• Enhancement mode: Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPCA8006-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8006-H TOSHIBA-TPCA8006-H Datasheet
439Kb / 7P
Switching Regulator Applications
TPCA8006-H TOSHIBA-TPCA8006-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCA8006-H TOSHIBA-TPCA8006-H_06 Datasheet
439Kb / 7P
Switching Regulator Applications
More results


Similar Description - TPCA8006-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com