Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98ARB18753C Datasheet (PDF) - ON Semiconductor

98ARB18753C Datasheet PDF - ON Semiconductor
Part # 98ARB18753C
Download  98ARB18753C Download
File Size   418.45 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail

98ARB18753C Datasheet (PDF)

Go To PDF Page Download Datasheet
98ARB18753C Datasheet PDF - ON Semiconductor

Part # 98ARB18753C
Download  98ARB18753C Click to download

File Size   418.45 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail

98ARB18753C Datasheet (HTML) - ON Semiconductor


98ARB18753C Product details

The NCS2250 and NCS2252 low voltage comparators feature fast
response time and rail−to−rail input and output. The extended
common mode input voltage range allows input signals 200 mV above
and below the rails, allowing voltage detection at ground or the supply.
A propagation delay of 50 ns with a 100 mV overdrive makes this
comparator suitable for applications requiring faster response times.
These single channel devices are available with a complementary
push−pull output in the NCS2250 or with an open drain output in the
NCS2252. Both options are offered in TSOP−5 (SOT23−5) and
SC−88A (SC70−5) packages. Automotive qualified devices are also
available, denoted by the NCV prefix.

Features
• Propagation Delay: 50 ns with 100 mV Overdrive
• Rail−to−rail Input: VSS − 200 mV to VDD + 200 mV
• Supply Voltage: 1.8 V to 5.5 V
• Supply Current: 150 μA Typical at 5 V Supply
• Available with Push−pull or Open Drain Output
• Packages: TSOP−5 (SOT23−5) and SC−88A (SC70−5)
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• Voltage Threshold Detector
• Zero−crossing Detectors
• High−speed Sampling Circuits
• Logic Level Shifting / Translation
• Clock and Data Signal Restoration

End Products
• Automotive
• Lighting
• Smartphones, cell phones
• Portable and battery−powered systems
• Power supplies




Similar Part No. - 98ARB18753C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input NAND Gate
April, 2022 ??Rev. 16
98ARB18753C ONSEMI-98ARB18753C Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
98ARB18753C ONSEMI-98ARB18753C Datasheet
289Kb / 9P
Single Inverter
May, 2022 ??Rev. 14
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input AND Gate
April, 2022 ??Rev. 19
98ARB18753C ONSEMI-98ARB18753C Datasheet
248Kb / 10P
Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results


Similar Description - 98ARB18753C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com