| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
8536SCO2V03
|
146Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, open
Jun 30, 2022 |
|
8536SCG2V02S
|
134Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 4, 2022 |
|
8536SCO2V02S
|
146Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, open
Jul 4, 2022 |
|
8536SCO2V08
|
145Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 208 VAC coil, open
Jul 13, 2022 |
|
8536SCG2V03A
|
127Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, NEMA 1
Jul 20, 2022 |
|
8536SCG2V03C
|
139Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, NEMA 1
Jul 21, 2022 |
|
8536SCH2V03
|
124Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, NEMA 3R
Jul 20, 2022 |
|
8536SCO2V01S
|
146Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 24 VAC coil, open
Jul 21, 2022 |
|
8536SCW12V02S
|
151Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, NEMA 4/4X
Aug 3, 2022 |
|
8536SCW12V08
|
151Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 208 VAC coil, NEMA 4/4X
Aug 3, 2022 |
|