Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX20P5090 Datasheet (PDF) - NXP Semiconductors

NX20P5090 Datasheet PDF - NXP Semiconductors
Part # NX20P5090
Download  NX20P5090 Download
File Size   1083.39 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High voltage USB PD power switch

NX20P5090 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX20P5090 Datasheet PDF - NXP Semiconductors

Part # NX20P5090
Download  NX20P5090 Click to download

File Size   1083.39 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High voltage USB PD power switch

NX20P5090 Datasheet (HTML) - NXP Semiconductors


NX20P5090 Product details

General description
The NX20P5090 is an advanced 5 A unidirectional power switch for USB PD. It includes
under voltage lockout, over voltage lockout, reverse current protection and
over-temperature protection circuits. It is designed to automatically isolate the power
switch terminals when a fault condition occurs. Both VBUS and VINT pins have 29 V
tolerance in shutdown mode. Two NX20P5090 chips can be used in parallel to support
dual power inputs connecting to the same charging circuit.
The device has a default 23 V over voltage protection threshold, and the OVP threshold
can be adjusted by using an external resistor divider on OVLO pin. A 15 ms de-bounce
time is deployed every time before the device is switched ON, followed by a soft start to
limit the inrush current.
Designed for operation from 2.5 V to 20 V, it is used in USB PD power control applications
to offer essential protection and enhance system reliability.
NX20P5090 is offered in a small 15 bump, 2.56 x 1.54 x 0.555 mm WLCSP package.

Features and benefits
 Wide supply voltage range from 2.5 V to 20 V
 ISW maximum 5 A continuous current
 29 V tolerance on both VBUS and VINT pin
 30 m (typical) Low ON resistance
 Adjustable VBUS over voltage protection
 Built in slew rate control for inrush current limit
 All time two level reverse-current protection
 Protection circuitry
 Over-Temperature Protection
 Over-Voltage Protection
 Under-Voltage Lockout
 Reverse Current Protection
 Surge protection:
 IEC61000-4-5 exceeds ±90 V on VBUS without capacitor
 IEC61000-4-5 exceeds ±100 V on VBUS with 22 uF capacitor
 ESD protection
 IEC61000-4-2 contact discharge exceeds 8 kV on VBUS
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
 CDM AEC standard Q100-01 (JESD22-C101E)
 Specified from 40 C to +85 C

Applications
 Smart and feature phones
 Tablets, eBooks
 Notebooks




Similar Part No. - NX20P5090

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
NX20P0407UK NXP-NX20P0407UK Datasheet
496Kb / 18P
USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
NX20P0407UKAZ NXP-NX20P0407UKAZ Datasheet
496Kb / 18P
USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
NX20P0407UKZ NXP-NX20P0407UKZ Datasheet
496Kb / 18P
USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
NX20P0408 NXP-NX20P0408 Datasheet
439Kb / 17P
USB D/D- protection IC
Rev. 1.1-19 August 2
More results


Similar Description - NX20P5090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65983 TI1-TPS65983 Datasheet
2Mb / 114P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS65981 TI1-TPS65981_16 Datasheet
2Mb / 98P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982_J1 TI1-TPS65982_J1 Datasheet
3Mb / 121P
USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com