Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30CPU04HN3 Datasheet (PDF) - Vishay Siliconix

VS-30CPU04HN3 Datasheet PDF - Vishay Siliconix
Part # VS-30CPU04HN3
Download  VS-30CPU04HN3 Download
File Size   151.37 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt® Ultrafast Rectifier, 2 x 15 A

VS-30CPU04HN3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-30CPU04HN3 Datasheet PDF - Vishay Siliconix

Part # VS-30CPU04HN3
Download  VS-30CPU04HN3 Click to download

File Size   151.37 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt® Ultrafast Rectifier, 2 x 15 A

VS-30CPU04HN3 Datasheet (HTML) - Vishay Siliconix


VS-30CPU04HN3 Product details

FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• 175 °C operating junction temperature
• Low leakage current
• AEC-Q101 qualified, meets JESD 201 class 1A
whisker test
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

DESCRIPTION / APPLICATION
FRED Pt® series are the state of the art ultrafast recovery
rectifiers specifically designed with optimized performance
of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time
control, guarantee the best overall performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, DC/DC converters as well
as freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.




Similar Part No. - VS-30CPU04HN3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CPU04HN3 VISHAY-VS-30CPU04HN3 Datasheet
155Kb / 7P
FRED Pt® Ultrafast Rectifier, 2 x 15 A
10-Jul-15
More results


Similar Description - VS-30CPU04HN3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
15-Aug-11
VS-30CPH03PBF VISHAY-VS-30CPH03PBF Datasheet
169Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
26-Jun-12
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3 Datasheet
131Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
10-Feb-15
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
10-Feb-15
VS-30CPU04HN3 VISHAY-VS-30CPU04HN3 Datasheet
155Kb / 7P
FRED Pt® Ultrafast Rectifier, 2 x 15 A
10-Jul-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
18-Sep-14
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3_V01 Datasheet
166Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
29-Jan-2021
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3_V01 Datasheet
169Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
29-Jan-2021
VS-30CPH03-N3 VISHAY-VS-30CPH03-N3_V01 Datasheet
168Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
15-Oct-2018
VS-30CPU04-N3 VISHAY-VS-30CPU04-N3_V01 Datasheet
170Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
25-May-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com