Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL25L20CT Datasheet (PDF) - Vishay Siliconix

SBL25L20CT Datasheet PDF - Vishay Siliconix
Part # SBL25L20CT
Download  SBL25L20CT Download
File Size   149.27 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low VF Common Cathode Schottky Rectifier

SBL25L20CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL25L20CT Datasheet PDF - Vishay Siliconix

Part # SBL25L20CT
Download  SBL25L20CT Click to download

File Size   149.27 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low VF Common Cathode Schottky Rectifier

SBL25L20CT Datasheet (HTML) - Vishay Siliconix


SBL25L20CT Product details

FEATURES
• Low power loss, high efficiency
• Very low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF
maximum peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and
ITO-220AB package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC

TYPICAL APPLICATIONS
For use in low voltage, high frequency inverters,
switching mode power supplies, freewheeling diodes,
OR-ing diodes, dc-to-dc converters and polarity
protection application.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - SBL25L20CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBL25L20CT GE-SBL25L20CT Datasheet
84Kb / 2P
LOW VF SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBL25L20CT GOOD-ARK-SBL25L20CT Datasheet
247Kb / 3P
Dual Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
SBL25L20CT-E3 VISHAY-SBL25L20CT-E3 Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
SBL25L20CT-E3 VISHAY-SBL25L20CT-E3 Datasheet
144Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
More results


Similar Description - SBL25L20CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
logo
Bruckewell Technology L...
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT_15 Datasheet
148Kb / 6P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
logo
Bruckewell Technology L...
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF30200CT BWTECH-MBRF30200CT Datasheet
140Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
logo
Shanghai Leiditech Elec...
SAT80TH170CPT LEIDITECH-SAT80TH170CPT Datasheet
438Kb / 3P
Dual Common-Cathode Uitra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
19-Sep-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com