Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA855N6 Datasheet (PDF) - Infineon Technologies AG

BGA855N6 Datasheet PDF - Infineon Technologies AG
Part # BGA855N6
Download  BGA855N6 Download
File Size   477.48 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Noise Amplifier for Lower L-Band GNSS Applications

BGA855N6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA855N6 Datasheet PDF - Infineon Technologies AG

Part # BGA855N6
Download  BGA855N6 Click to download

File Size   477.48 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Noise Amplifier for Lower L-Band GNSS Applications

BGA855N6 Datasheet (HTML) - Infineon Technologies AG


BGA855N6 Product details

1 Features
• Insertion power gain: 17.8 dB
• Low noise figure: 0.60 dB
• Low current consumption: 4.8mA
• High linearity performance IIP3: 0 dBm
• Operating frequencies: 1164 - 1300 MHz
• Supply voltage: 1.1 V to 3.3 V
• Ultra small TSNP-6-10 leadless package (footprint: 0.7 x 1.1 mm2)
• B9HF Silicon Germanium technology
• RF output internally matched to 50 Ohm
• Only one external matching component needed
• 2kV HBM ESD protection (including AI-pin)
• Pb-free (RoHS compliant) package
• Specifically designed for:
- L2/L5 GPS Signals
- E5a/E5b/E6 Galileo Signals
- G2/G3 Glonass Signals
- B2/B3 Beidou Signals
Description
The BGA855N6 is a front-end low noise amplifier for GPS L5 and L2, Galileo E5a, E5b, E6, Glonass G3, G2 and
Beidou B3 and B2 bands for a frequency range from 1164 MHz to 1300 MHz. The LNA provides 17.8 dB gain and
0.60 dB noise figure at a current consumption of 4.8mA in the application configuration described in Chapter 4.
The BGA855N6 is based upon Infineon Technologies‘ B9HF Silicon Germanium technology. It operates from 1.1 V
to 3.3 V supply voltage (device optimized for 1.8V operation / also prepared to support 1.2V and 2.8V operation).
OFF-state can be enabled by PON pin.




Similar Part No. - BGA855N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA8U1BN6 INFINEON-BGA8U1BN6 Datasheet
303Kb / 11P
Low Noise Amplifier for Ultra High Band 4-6GHz
Revision 3.1 2017-09-14
BGA8V1BN6 INFINEON-BGA8V1BN6 Datasheet
303Kb / 11P
Low Noise Amplifier for LTE Band 42 and Band 43
Revision 3.3 2017-09-14
More results


Similar Description - BGA855N6

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAML9210 DAICO-CAML9210 Datasheet
107Kb / 1P
L-Band Low Noise Amplifier
logo
Sanyo Semicon Device
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
UHF Wide-band Low-noise Amplifier Applications
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
United Monolithic Semic...
CHA3801-99F UMS-CHA3801-99F_15 Datasheet
315Kb / 10P
L-Band Low Noise Amplifier
CHA3801-QDG UMS-CHA3801-QDG_15 Datasheet
550Kb / 12P
L-Band Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
logo
Infineon Technologies A...
BGA125N6 INFINEON-BGA125N6 Datasheet
791Kb / 13P
Ultra Low Current Low Noise Amplifier for L2/L5 GNSS Applications
Revision 2.2 2022-03-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com