Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21472 Datasheet (PDF) - Infineon Technologies AG

TDA21472 Datasheet PDF - Infineon Technologies AG
Part # TDA21472
Download  TDA21472 Download
File Size   559.15 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TDA21472 OptiMOS??Powerstage DC-DC converter voltage regulator

TDA21472 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA21472 Datasheet PDF - Infineon Technologies AG

Part # TDA21472
Download  TDA21472 Click to download

File Size   559.15 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TDA21472 OptiMOS??Powerstage DC-DC converter voltage regulator

TDA21472 Datasheet (HTML) - Infineon Technologies AG


TDA21472 Product details

Features
 Co-packaged driver, Schottky diode, and high-side and low-side MOSFETs
 5-mV/A on-chip MOSFET current sensing with temperature compensated reporting
 Input voltage (VIN) range of 4.25 V to 16 V
 VCC and VDRV supply of 4.25 V to 5.5 V
 Output voltage range from 0.25 V up to 5.5 V
 Output current capability of 70 A
 Operation up to 1.5 MHz
 VCC/VDRV under voltage lockout (UVLO)
 8-mV/°C temperature analog output
 Thermal shutdown and fault flag
 Cycle-by-cycle over current protection with programmable threshold and fault flag
 MOSFET phase fault detection and flag
 Auto-replenishment of bootstrap capacitor
 Deep-sleep mode for power saving
 Compatible with 3.3-V tri-state PWM input
 Body-Braking load transient support
 Small 5 mm x 6 mm x 1 mm PQFN package
 Lead free RoHS compliant package
Description
The TDA21472 power stage contains a low quiescent-current synchronous buck gate-driver IC co-packaged
with Schottky diode, and high-side and low-side MOSFETs. The package is optimized for PCB layout, heat
transfer, driver/MOSFET control timing, and minimal switch node ringing when layout guidelines are followed.
The gate driver and MOSFET combination enables higher efficiency at the lower output voltages required by
cutting edge CPU, GPU and DDR memory designs.
The TDA21472 internal MOSFET current sense algorithm with temperature compensation achieves superior
current sense accuracy versus best-in-class controller-based inductor DCR sense methods. Protection includes
cycle-by-cycle over current protection with programmable threshold, VCC/VDRV UVLO protection, phase fault
detection, IC temperature reporting and thermal shutdown. The TDA21472 also features auto-replenishment of
the bootstrap capacitor to prevent over-discharging. The TDA21472 features a deep-sleep power saving mode,
which greatly reduces the power consumption when the multiphase system enters PS3/PS4 mode.
Operation at switching frequency as high as 1.5 MHz enables high performance transient response, allowing
reduction of output inductance and output capacitance while maintaining industry leading efficiency.
The TDA21472 is optimized for CPU core power delivery in server applications. The ability to meet the stringent
requirements of the server market also makes it ideally suited for powering GPU and DDR memory designs.




Similar Part No. - TDA21472

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21470 INFINEON-TDA21470 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
TDA21475 INFINEON-TDA21475 Datasheet
909Kb / 25P
OptimosTM 70-A Exposed-Top Powerstage
Revision 2.0 2021-06-18
More results


Similar Description - TDA21472

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
Switching Regulator, DC-DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
Switching Regulator, DC-DC Converter Applications
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
Switching Regulator, DC/DC Converter and
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
Switching Regulator, DC-DC Converter Applications
2SK3443 TOSHIBA-2SK3443_09 Datasheet
171Kb / 6P
Switching Regulator, DC-DC Converter and
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
Switching Regulator, DC-DC Converter Applications
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
logo
Microchip Technology
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com