Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMOTIONLINK Datasheet (PDF) - Infineon Technologies AG

IMOTIONLINK Datasheet PDF - Infineon Technologies AG
Part # IMOTIONLINK
Download  IMOTIONLINK Download
File Size   2765.5 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit

IMOTIONLINK Datasheet (PDF)

Go To PDF Page Download Datasheet
IMOTIONLINK Datasheet PDF - Infineon Technologies AG

Part # IMOTIONLINK
Download  IMOTIONLINK Click to download

File Size   2765.5 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit

IMOTIONLINK Datasheet (HTML) - Infineon Technologies AG


IMOTIONLINK Product details

1.3 Main features
REF_Fridge_D111T_MOS is a complete reference design board for refrigerator-compressor applications. Main
features of the board include:
 iMOTION™ Smart Driver IMD111T-6F040
 Ready-to-use motion controller with scripting engine and 6-channel silicon on insulator (SOI) driver
 600 V CoolMOS™ PFD7 – optimized technology with lowest Qrr, ESD protection and compact SOT223 surface
mounted device (SMD) package
 System solution enables best light-load efficiency and compact design
Key features of iMOTION™ Smart Driver IMD111T-6F040 include:
 Motor controller with integrated high-voltage gate driver and voltage regulator
 Integrated 5 V low dropout regulator (LDO) allows single 15 V supply voltage
 Robust 600 V gate driver in thin-film SOI technology
 Gate driver integrated with ultra-fast bootstrap diodes
 Space saving LQFP 40-pin package with high-voltage creepage
 Motion control engine (MCE) as ready-to-use solution for variable speed drives
The reference board at a glance
 Sensorless field-oriented control (FOC) for permanent magnet synchronous motor (PMSM)
 Flexible space vector PWM (3-phase PWM or 2-phase PWM)
 Motor-current sensing via single or leg shunt
 Optional analog or digital hall sensor interface
 Flexible host interface options for motor control commands: universal asynchronous receiver/transmitter
(UART), frequency/duty cycle or analog VSP
 IEC60335-1/UL60730 Class B Safety Software certificate
For more information about the above-mentioned products, refer to the corresponding reference materials.




Similar Part No. - IMOTIONLINK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMOTIONLINK INFINEON-IMOTIONLINK Datasheet
1Mb / 33P
REF-MHA50WIMI111T user guide iMOTION™ fan driver reference design kit
2023-02-09 V1.0
More results


Similar Description - IMOTIONLINK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
logo
Silicon Laboratories
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
Development Kit User Guide
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
Reference Design Eval Kit
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
Development Kit User Guide
Revision: 4 Date: 2021-10-22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com