Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM535-U6D Datasheet (PDF) - Infineon Technologies AG

IM535-U6D Datasheet PDF - Infineon Technologies AG
Part # IM535-U6D
Download  IM535-U6D Download
File Size   3095.6 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EVAL-M1-IM535 user guide iMOTION??modular application design kit

IM535-U6D Datasheet (PDF)

Go To PDF Page Download Datasheet
IM535-U6D Datasheet PDF - Infineon Technologies AG

Part # IM535-U6D
Download  IM535-U6D Click to download

File Size   3095.6 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EVAL-M1-IM535 user guide iMOTION??modular application design kit

IM535-U6D Datasheet (HTML) - Infineon Technologies AG


IM535-U6D Product details

1.3 Main features
The EVAL-M1-IM535 is an evaluation board for motor drive applications. Combined in a kit with one of the
available MADK control board options, it demonstrates Infineon’s motion control IC and IPM technology for
motor drives.
The evaluation board characteristics include:
• Input voltage 85~265 VAC
• Maximum 20 A input and output current
• Maximum 3000 W motor power output
• On board EMI filter
• Current sensing operational amplifier (OPA) with single shunt
• Auxiliary power supply with 15 V, 5 V
• Overcurrent hardware protection & over temperature protection
• Sensing of DC-link voltage
• Thermistor output
• PCB is 166 mm × 166 mm, two layers with 2 oz. copper
• RoHS compliant




Similar Part No. - IM535-U6D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM535-U6D INFINEON-IM535-U6D Datasheet
1Mb / 23P
CIPOS??Mini IM535
2021-04-09 revision:2.1
IM535-U6DS INFINEON-IM535-U6DS Datasheet
1Mb / 23P
CIPOS??Mini IM535
2021-04-09 revision:2.1
More results


Similar Description - IM535-U6D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
REV. 0
logo
Infineon Technologies A...
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com