Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAS50A6V3 Datasheet (PDF) - Analog Technologies, Inc.

AAS50A6V3 Datasheet PDF - Analog Technologies, Inc.
Part # AAS50A6V3
Download  AAS50A6V3 Download
File Size   945.35 Kbytes
Page   11 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Efficiency AC Input 50A 6V Laser Driver

AAS50A6V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAS50A6V3 Datasheet PDF - Analog Technologies, Inc.

Part # AAS50A6V3
Download  AAS50A6V3 Click to download

File Size   945.35 Kbytes
Page   11 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Efficiency AC Input 50A 6V Laser Driver

AAS50A6V3 Datasheet (HTML) - Analog Technologies, Inc.


AAS50A6V3 Product details

FEATURES
 High Efficiency: ≥ 70%
 Maximum Power: 300W
 Maximum Output Current: 50A
 Wide Output Voltage: 0V ~ 6V
 Wide Input Voltage: 100VAC ~ 240VAC
 High Speed Digital Modulation: 5kHz
 Configurable Valley Current for Digital Modulation
 Low Temperature Rise: 30°C
 Over-temperature Protection
 MBTF (Mean Time Before Failure): 180,000 hours
 Low Corner Noise at 0.1 ~ 10Hz: 354μAP-P
 Low Ripple Voltage at 600kHz: <10mVP-P
 Compact Size
 Low Cost
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATIONS
Driving high current laser diode bars with high stability and
high efficiency.

DESCRIPTIONS
The AAS50A6V3 is an electronic power supply brick designed
for driving laser diodes with up to 50A low noise current. The
output current can be set by an analog voltage of 0V to 2.5V,
an external potentiometer, or the built-in internal potentiometer,
to between 0 and 50A.
A pulsed output current can be generated by driving the PCN
port with a digital signal, under which, the peak output current
is set by the LISH port while the valley output current is set by
the LISL port. The modulation frequency can go up to 5kHz,
resulting to an approximately 56μS rise/fall time at the output
current.
The AAS50A6V3 laser driver comes with a high stability low
noise 2.5V reference voltage. It can be used for setting the
output current. This reference can also be used as the voltage
reference for external ADCs (Analog to Digital Converters)
and DACs (Digital to Analog Converters), which might be
used for monitoring and/or setting the laser current.
This laser driver brick has a high efficiency: ≥ 70% @ VLDA =
5.5V, IOUT = 50A. It saves energy and has low temperature rise.
There is an over-temperature protection circuit inside, in case
the laser power supply temperature exceeds the temperature
limit, 85°C, the laser driver will shut down itself and be turned
back on by itself after the temperature returns to the normal
temperature range.
There is a soft-start circuit in this laser driver, which ensures
smooth current transactions during power-up period.
In case there is a short circuit at the output, the internal
protection circuit will cut off the output.
The output voltage is automatically set from 0V to 6V to keep
the output current at a pre-set value. When the output voltage
exceeds the maximum value, the driver will not works properly.
The control loop is monitored in real time by an internal circuit,
to make sure that it works properly. The monitoring result is
sent to the LPGD node. When this pin is pulled up internally, it
indicates that the control loop works properly and Loop Good
LED will be lit. This pin signal can be sent to a microcontroller,
or used for driving an LED through a buffer. The internal
equivalent circuit of this pin is a 5kΩ pull-up resistor
connected to a 5V rail in parallel with an open drain
comparator output.
The main specifications are shown in Table 1.




Similar Part No. - AAS50A6V3

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AAS YAGEO-AAS Datasheet
842Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
December 08, 2015
logo
Amphenol Corporation
AAS-920-079D AMPHENOL-AAS-920-079D Datasheet
50Kb / 2P
Measures up to 3/4??(19 mm) below the surface
AAS-920-085D AMPHENOL-AAS-920-085D Datasheet
341Kb / 4P
Protimeter Dual-Function Moisture Meter
AAS-920-086C AMPHENOL-AAS-920-086C Datasheet
298Kb / 4P
Home inspectors
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
High sensitivity
More results


Similar Description - AAS50A6V3

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
High Transfer Efficiency AC Input Type Photocoupler
logo
Microsemi Corporation
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
New Jersey Semi-Conduct...
UES804 NJSEMI-UES804_14 Datasheet
157Kb / 2P
High Efficiency, 50A
UES801 NJSEMI-UES801 Datasheet
93Kb / 1P
High Efficiency, 50A and 70A
logo
Analog Technologies, In...
AAS100A5V1 ANALOGTECHNOLOGIES-AAS100A5V1 Datasheet
679Kb / 10P
High Efficiency AC Input 100A 5V Laser Driver
1/25/2022
AAS16A9.5V2 ANALOGTECHNOLOGIES-AAS16A9.5V2 Datasheet
920Kb / 11P
High Efficiency AC Input 16A 9.5V Laser Driver
1/25/2022
AAS25A6V2 ANALOGTECHNOLOGIES-AAS25A6V2 Datasheet
946Kb / 11P
High Efficiency AC Input 25A 6V Laser Driver
1/25/2022
AAS26A10V ANALOGTECHNOLOGIES-AAS26A10V Datasheet
917Kb / 11P
High Efficiency AC Input 26A 10V Laser Driver
1/25/2022
AAS40A4V2 ANALOGTECHNOLOGIES-AAS40A4V2 Datasheet
923Kb / 11P
High Efficiency AC Input 40A 4V Laser Driver
1/25/2022
AAS45A4V2 ANALOGTECHNOLOGIES-AAS45A4V2 Datasheet
911Kb / 11P
High Efficiency AC Input 45A 4V Laser Driver
1/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com