Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT8551 Datasheet (PDF) - Analog Technologies, Inc.

AT8551 Datasheet PDF - Analog Technologies, Inc.
Part # AT8551
Download  AT8551 Download
File Size   1208.68 Kbytes
Page   15 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier

AT8551 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT8551 Datasheet PDF - Analog Technologies, Inc.

Part # AT8551
Download  AT8551 Click to download

File Size   1208.68 Kbytes
Page   15 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier

AT8551 Datasheet (HTML) - Analog Technologies, Inc.


AT8551 Product details

FEATURES
 Upgraded Drop-in Replacement for AD8551
 Low Offset Voltage: 1μV (typ) 5μV (max)
 Input Offset Drift: 0.005μV/°C (max)
 High Gain Bandwidth Product: 4.5MHz
 Rail-to-Rail Input and Output
 High Gain, CMRR & PSRR: ≥130dB
 High Slew Rate: 2.7V/μs
 Low Noise: 0.75μVP-P (0.01~10Hz)
 Low Power Consumption: 640μA/op amp
 Overload Recovery Time: 1μs
 Low Supply Voltage: +2.7V to +5.5V
 No External Capacitors Required
 Extended Temperature: −40°C to +125°C

DESCRIPTION
This AT855x family includes single (AT8551) and dual
(AT8551) general-purpose CMOS operational
amplifiers that provides ultralow noise, offset and
power. The AT8551 use auto-zero techniques to
simultaneously provide very low offset voltage (5μV
max) and near-zero drift over time and temperature.
This miniature, high-precision operational amplifiers
offset high input impedance and rail-to-rail input and
rail-to-rail output swing. With high gain-bandwidth
product of 4.5MHz and slew rate of 2.7V/μs.
This op amp operates as low as +2.7V (±1.35) and up
to +5.5V (±2.75V). The AT8551 single amplifier is
available in 5-lead SOT23, 8-lead MSOP8 and 8-lead
SOIC packages, The AT8552 dual amplifier is available
in 8-lead SOIC and 8-lead MSOP8 narrow surface
mount packages. The AT8551/AT8552 (dual version)
are specified for the extended industrial and
automotive temperature range (−40°C to 125°C).




Similar Part No. - AT8551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT85C5121 ATMEL-AT85C5121 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT85C5121-ICRUL ATMEL-AT85C5121-ICRUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT85C5121-ICSUL ATMEL-AT85C5121-ICSUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT85C5121-S3RUL ATMEL-AT85C5121-S3RUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT85C5121-S3SUL ATMEL-AT85C5121-S3SUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
More results


Similar Description - AT8551

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
Zero-Drift Operational Amplifier in SOT-23
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com