Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLF20A5V Datasheet (PDF) - Analog Technologies, Inc.

ATLF20A5V Datasheet PDF - Analog Technologies, Inc.
Part # ATLF20A5V
Download  ATLF20A5V Download
File Size   141.27 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Current Low Pass Filter

ATLF20A5V Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLF20A5V Datasheet PDF - Analog Technologies, Inc.

Part # ATLF20A5V
Download  ATLF20A5V Click to download

File Size   141.27 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Current Low Pass Filter

ATLF20A5V Datasheet (HTML) - Analog Technologies, Inc.


ATLF20A5V Product details

FEATURES
 Maximum output current: 20A
 Wide output voltage: 0V ~ 5V
 Low temperature rise: 35℃
 Operating temperature: -20℃ ~ 50℃
 Compact size

DESCRIPTIONS
The filter is a device designed to filter the ripples of laser
driver, the output of which will not be influenced by the
filter. The input voltage ranges from 0V to 5V, the current
is from 0A to 20A.
This filter can be mounted on the power supply, laser
driver and other devices which need to filter noise.
It can filter the noise of 10kHz ~ 1MHz of the power
supply and laser drivers and can attenuation about 70dB,
eliminating the negative influences against the output of
the laser driver by the power supply.




Similar Part No. - ATLF20A5V

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
ATLF-8A CONTEC-ATLF-8A Datasheet
250Kb / 2P
Low Pass Filter Accessory for Analog Input
More results


Similar Description - ATLF20A5V

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
logo
PCA ELECTRONICS INC.
EPB5157G PCA-EPB5157G Datasheet
43Kb / 1P
VDSL High Pass / Low Pass Filter Modules
logo
Mini-Circuits
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
PCA ELECTRONICS INC.
EPB5155G PCA-EPB5155G Datasheet
43Kb / 1P
VDSL High Pass / Low Pass Filter Modules
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com