|
FEATURES
Power Supply Voltage VPS Range: 4.5V ∼15V
Full Swing Output Voltage: 0.2VVPS to 0.8VVPS (input
voltage)
Maximum Output Current: 1A
Higher Speed than ATLS1A212D
High Efficiency: ≥90% - no heat sink is needed
(IOUT=1A @ VLDA=11V&VVPS=15V)
Wide Modulation Bandwidth: DC ∼ 20kHz
Dual Independent Current Set Ports
Direct Digital Modulation Control
Three Control States: Shutdown, Standby and Operation
Low Output Current Noise: < 6μAP-P @0.1Hz~10Hz
High Current Stability: <±500μA@1A &−20°C~80°C
Low Output Ripple Voltage: <4mV@500kHz
Fully Shielded
Compact Size: 25.4×20×5 (mm)
100 % Lead (Pb)-free and RoHS Compliant
DESCRIPTION
This laser driver, ATLS1A212DHS, is an electronic module
that has all the valuable and important, but often contradict
features, simultaneously: Wide input and output voltage range,
high output current capability, high efficiency, low output
noise (but it has a 4mVP-P ripple voltage at 500kHz), wide
modulation bandwidth, and small size. The wide output voltage
range, 0.1VVPS~ 0.9VVPS, allows driving one or multiple serial
laser diodes at the same time, for up to 1A well controlled
current at high efficiency. The extremely low noise between
DC ~20kHz and low DC current drift make it ideal for driving
diode pumped single mode laser diodes to achieve mode-hopfree
and narrow optical wavelength drift, thus, long coherent
length. Because of the high efficiency, the laser driver
generates small amount of heat, thus, no heat sink is necessary
for normal operation. The fully shielded case blocks all the
incoming and outgoing EMIs (Electro-Magnet Interferences).
Therefore, this laser will not interfere with other surrounding
electronics, nor will be interfered by them. The small package
saves valuable PCB space in laser systems. Figure 1 shows
physical photo of the ATLS1A212DHS.
This laser driver has two current set ports digitally controlled to
switch between them for setting the output current. This feature
allows modulating the laser digitally with 2 preset current
values.
The actual laser current and laser driver temperature are
monitored by dedicated ports. In case the laser driver
temperature exceeds the limit, 120°C, the laser driver will shut
down the output stage by itself and force the laser drive into
Standby Mode. There is a loop good indication output to tell if
the laser driver works ok.
The laser driver has 3 states: Operation, Standby and Shutdown.
Under Standby mode, all the laser driver components work
except the output stage, see Figure 4. Under Shutdown mode,
all the components of the laser driver stop working and the
power supply current is reduced to < 3μA.
This laser driver generates a high accuracy high stability low
noise, 5μVp-p, 3μVRMS, <8ppm/°C, 2.5V<±2mV, voltage
reference output which can be used for setting the output
current and also be used as the reference voltage for the ADCs
(Analog to Digital Converters) and/or DACs (Digital to Analog
Converters).
The ATLS1A212DHS uses a constant frequency high
efficiency PWM output stage. Its switching signal is taken out
through a buffer at the SYNO port, pin 14, which can be used
by other switch mode electronics as the trigger signal to avoid
frequency beating interference, if the free-run frequency is near
to 500kHz.
|