Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP369182 Datasheet (PDF) - Qorvo, Inc

TQP369182 Datasheet PDF - Qorvo, Inc
Part # TQP369182
Download  TQP369182 Download
File Size   751.43 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC ??6 GHz Gain Block

TQP369182 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP369182 Datasheet PDF - Qorvo, Inc

Part # TQP369182
Download  TQP369182 Click to download

File Size   751.43 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC ??6 GHz Gain Block

TQP369182 Datasheet (HTML) - Qorvo, Inc


TQP369182 Product details

Product Features
• DC-6000 MHz
• Flat, broadband frequency response
• 20.7 dB Gain at 1.9 GHz
• 3.9 dB Noise Figure at 1.9 GHz
• +28 dBm Output IP3 at 1.9 GHz
• +15.1 dBm P1dB at 1.9 GHz
• 50 Ohm Cascadable Gain Block
• Single Supply, 45 mA Current
• SOT-89 Package




Similar Part No. - TQP369182

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
387Kb / 8P
DC-6 GHz Gain Block
TQP369182-PCB TRIQUINT-TQP369182-PCB Datasheet
691Kb / 8P
DC-6 GHz Gain Block
TQP369182-PCB TRIQUINT-TQP369182-PCB Datasheet
387Kb / 8P
DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
DC-6 GHz Gain Block
More results


Similar Description - TQP369182

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
DC-6 GHz Gain Block
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
DC-6 GHz Gain Block
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
DC ??6 GHz Gain Block
June 25, 2020
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
DC ??6 GHz Gain Block
May 14, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com