Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18TT045-F Datasheet (PDF) - Vishay Siliconix

18TT045-F Datasheet PDF - Vishay Siliconix
Part # 18TT045-F
Download  18TT045-F Download
File Size   140.46 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 18 A

18TT045-F Datasheet (PDF)

Go To PDF Page Download Datasheet
18TT045-F Datasheet PDF - Vishay Siliconix

Part # 18TT045-F
Download  18TT045-F Click to download

File Size   140.46 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 18 A

18TT045-F Datasheet (HTML) - Vishay Siliconix


18TT045-F Product details

FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

APPLICATIONS
• High efficiency SMPS
• Automotive
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• DC/DC systems
• Increased power density systems




Similar Part No. - 18TT045-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TT045-F VISHAY-18TT045-F Datasheet
141Kb / 8P
High Performance Schottky Generation 5.0, 18 A
01-Apr-09
More results


Similar Description - 18TT045-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
63CPT100 VISHAY-63CPT100 Datasheet
92Kb / 7P
High Performance Schottky Generation 5.0, 60 A
22-Oct-07
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
18TT045-F VISHAY-18TT045-F Datasheet
141Kb / 8P
High Performance Schottky Generation 5.0, 18 A
01-Apr-09
15TT100 VISHAY-15TT100 Datasheet
146Kb / 8P
High Performance Schottky Generation 5.0, 15 A
04-Aug-08
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
High Performance Schottky Generation 5.0, 10 A
24-Jul-08
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
High Performance Schottky Generation 5.0, 20 A
20-Jan-09
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
High Performance Schottky Generation 5.0, 10 A
24-Jul-08
30CTT100 VISHAY-30CTT100_V01 Datasheet
85Kb / 6P
High Performance Schottky Generation 5.0, 30 A
19-Feb-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com