Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5384 Datasheet (PDF) - ON Semiconductor

ESD5384 Datasheet PDF - ON Semiconductor
Part # ESD5384
Download  ESD5384 Download
File Size   361.85 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection

ESD5384 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD5384 Datasheet PDF - ON Semiconductor

Part # ESD5384
Download  ESD5384 Click to download

File Size   361.85 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection

ESD5384 Datasheet (HTML) - ON Semiconductor


ESD5384 Product details

Functional Description
The ESD5384 chip is a low capacitance ESD protection for HDMI
control pins. It also integrates pull−up resistor for I2C bus and
pull−down resistor for hot plug detect and pull−up resistor for CEC
line.
The ESD protection circuitry prevents damage to the protected
device when subjected to ESD surges up to 15 kV.
The ESD5384 is available in 9 bump CSP package.

Features
• Line Capacitance: 12 pF max
• IEC 61000−4−2 Level 4
♦ ±15 kV (air discharge)
♦ ±8 kV (contact discharge)
• This is a Pb−Free Device

Applications
• HDMI Control Line Interfaces
♦ Smart Phones
♦ Tablets
♦ Consumer Electronics




Similar Part No. - ESD5384

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384 Datasheet
290Kb / 8P
5-Line HDMI Control Line ESD Protection
October, 2011 ??Rev. 0
More results


Similar Description - ESD5384

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0505 SYNC-POWER-SPE0505 Datasheet
221Kb / 7P
5-Line ESD Protection Array
SPE0523 SYNC-POWER-SPE0523 Datasheet
233Kb / 7P
5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
5-Line ESD Protection Array
logo
STMicroelectronics
HDMI05-CL01F3 STMICROELECTRONICS-HDMI05-CL01F3 Datasheet
387Kb / 8P
5-line IPAD?? HDMI??control line ESD protection
30-Apr-2010
HDMI05-CL02F3 STMICROELECTRONICS-HDMI05-CL02F3 Datasheet
942Kb / 9P
5-line IPAD?? HDMI??control line ESD protection
07-Apr-2010
logo
SYNC POWER Crop.
SPE0523 SYNC-POWER-SPE0523_10 Datasheet
196Kb / 7P
5-Line ESD Protection Array
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
5-Line ESD Protection Array
logo
Union Semiconductor, In...
UESD6V85CT36 UNIONSEMI-UESD6V85CT36 Datasheet
307Kb / 6P
5 Line ESD Protection Diode Array
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384 Datasheet
290Kb / 8P
5-Line HDMI Control Line ESD Protection
October, 2011 ??Rev. 0
logo
Union Semiconductor, In...
UESD6V85CT36 UNIONSEMI-UESD6V85CT36_14 Datasheet
204Kb / 6P
5 Line ESD Protection Diode Array
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com