Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23-G Datasheet (PDF) - Vishay Siliconix

AZ23-G Datasheet PDF - Vishay Siliconix
Part # AZ23-G
Download  AZ23-G Download
File Size   122.72 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes, Dual

AZ23-G Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ23-G Datasheet PDF - Vishay Siliconix

Part # AZ23-G
Download  AZ23-G Click to download

File Size   122.72 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes, Dual

AZ23-G Datasheet (HTML) - Vishay Siliconix


AZ23-G Product details

FEATURES
• Dual silicon planar Zener diodes, common
anode
• The Zener voltages are graded according to
the international E24 standard. Standard
Zener voltage tolerance is ± 5 %, indicated by
the “C” in the ordering code. Replace “C” with
“B” for 2 % tolerance
• The parameters are valid for both diodes in
one case. ΔVZ and ΔRzj of the two diodes in
one case is ≤ 5 %
• AEC-Q101 qualified available (part number on request)
• ESD capability according to AEC-Q101:
human body model > 8 kV
machine model > 800 V
• Base P/N-G3 - green, commercial grade
• Base P/N-HG3 - green, AEC-Q101 qualified
(part number available on request)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - AZ23-G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
AZ23-C10 GE-AZ23-C10 Datasheet
387Kb / 8P
DUAL ZENER DIODES
AZ23-C11 GE-AZ23-C11 Datasheet
387Kb / 8P
DUAL ZENER DIODES
AZ23-C12 GE-AZ23-C12 Datasheet
387Kb / 8P
DUAL ZENER DIODES
AZ23-C13 GE-AZ23-C13 Datasheet
387Kb / 8P
DUAL ZENER DIODES
AZ23-C15 GE-AZ23-C15 Datasheet
387Kb / 8P
DUAL ZENER DIODES
More results


Similar Description - AZ23-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
Small Signal Zener Diodes, Dual
02-Feb-12
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
Small Signal Zener Diodes, Dual
22-Nov-11
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
Small Signal Zener Diodes, Dual
08-Jul-04
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
Small Signal Zener Diodes, Dual
08-Nov-16
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
Small Signal Zener Diodes, Dual
04-Mar-13
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
Small Signal Zener Diodes, Dual
27-Feb-18
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
Small Signal Zener Diodes, Dual
13-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com