Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3V3 Datasheet (PDF) - Vishay Siliconix

MSP3V3 Datasheet PDF - Vishay Siliconix
Part # MSP3V3_V01
Download  MSP3V3 Download
File Size   788.93 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TRANSZORB짰 Transient Voltage Suppressors

MSP3V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP3V3 Datasheet PDF - Vishay Siliconix

Part # MSP3V3_V01
Download  MSP3V3 Click to download

File Size   788.93 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TRANSZORB짰 Transient Voltage Suppressors

MSP3V3 Datasheet (HTML) - Vishay Siliconix


MSP3V3 Product details

FEATURES
• Very low profile - typical height of 0.65 mm
• Ideal for automated placement
• Oxide planar chip junction
• Unidirectional polarity only
• Peak pulse power: 150 W (10 μs/1000 μs)
• ESD capability: 15 kV (air), 8 kV (contact)
• Meets MSL level 1, per J-STD-020C, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Not recommended for PCB bottom side wave mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, industrial, and signal lines of sensor units
for protecting sensitive equipment against transient
overvoltages.

MECHANICAL DATA
Case: MicroSMP (DO-219AD)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
industrial grade
Base P/NHM3 - halogen-free, RoHS-compliant, and
automotive grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end




Similar Part No. - MSP3V3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3-M3/89A VISHAY-MSP3V3-M3/89A Datasheet
92Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
12-Jul-12
MSP3V3HM3/89A VISHAY-MSP3V3HM3/89A Datasheet
92Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
12-Jul-12
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
23-Apr-10
More results


Similar Description - MSP3V3_V01

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SMBG5.0 VAISH-SMBG5.0 Datasheet
103Kb / 6P
Surface Mount TRANSZORB짰 Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
P6KE6.8A NJSEMI-P6KE6.8A Datasheet
139Kb / 3P
TRANSZORB짰 Transient Voltage Suppressors
logo
Shenzhen Saite Microele...
SMAJ5.0A PHY-SMAJ5.0A Datasheet
798Kb / 3P
Surface Mount TRANSZORB짰 Transient Voltage Suppressors
logo
Vishay Siliconix
15SMC VISHAY-15SMC Datasheet
110Kb / 6P
Surface Mount TRANSZORB짰 Transient Voltage Suppressors
30-Jun-2021
BZW04-5V8 VISHAY-BZW04-5V8 Datasheet
84Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
16-Sep-2021
MSMP60A VISHAY-MSMP60A Datasheet
105Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
09-Nov-2020
P4KE68A VISHAY-P4KE68A Datasheet
83Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
16-Sep-2021
P4SMA VISHAY-P4SMA_V01 Datasheet
108Kb / 6P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
30-Jun-2021
P6SMB VISHAY-P6SMB_V01 Datasheet
125Kb / 6P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
19-Apr-2021
SM6T VISHAY-SM6T_V01 Datasheet
120Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
19-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com