Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKH26.. Datasheet (PDF) - Vishay Siliconix

VS-VSKH26.. Datasheet PDF - Vishay Siliconix
Part # VS-VSKH26..
Download  VS-VSKH26.. Download
File Size   318.02 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A

VS-VSKH26.. Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSKH26.. Datasheet PDF - Vishay Siliconix

Part # VS-VSKH26..
Download  VS-VSKH26.. Click to download

File Size   318.02 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A

VS-VSKH26.. Datasheet (HTML) - Vishay Siliconix


VS-VSKH26.. Product details

FEATURES
• High voltage
• Industrial standard package
• UL approved file E78996
• Low thermal resistance
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• Up to 1600 V
• High surge capability
• Easy mounting on heatsink

ELECTRICAL DESCRIPTION
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.




Similar Part No. - VS-VSKH26..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKH26 VISHAY-VS-VSKH26 Datasheet
317Kb / 10P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
26-Jul-2018
VS-VSKH26/04 VISHAY-VS-VSKH26/04 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
VS-VSKH26/06 VISHAY-VS-VSKH26/06 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
VS-VSKH26/08 VISHAY-VS-VSKH26/08 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
VS-VSKH26/10 VISHAY-VS-VSKH26/10 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
More results


Similar Description - VS-VSKH26..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKT105 VISHAY-VS-VSKT105_V01 Datasheet
315Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKT71 VISHAY-VS-VSKT71_V01 Datasheet
326Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
26-Jul-2018
VS-VSKT91 VISHAY-VS-VSKT91_V01 Datasheet
329Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
26-Jul-2018
VS-VSKU105 VISHAY-VS-VSKU105_V01 Datasheet
268Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKT105 VISHAY-VS-VSKT105_V02 Datasheet
315Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKT26 VISHAY-VS-VSKT26_V02 Datasheet
317Kb / 10P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
26-Jul-2018
VS-VSKT71 VISHAY-VS-VSKT71_V02 Datasheet
325Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
26-Jul-2018
VS-VSKT91 VISHAY-VS-VSKT91_V02 Datasheet
328Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
26-Jul-2018
VS-VSKU105 VISHAY-VS-VSKU105_V02 Datasheet
267Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKU91 VISHAY-VS-VSKU91_V02 Datasheet
278Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Thyristor, 95 A
26-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com