Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3227C Datasheet (PDF) - ON Semiconductor

FAN3227C Datasheet PDF - ON Semiconductor
Part # FAN3227C
Download  FAN3227C Download
File Size   1419.35 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Gate Drivers, High-Speed, Low-Side, Dual 4-A

FAN3227C Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN3227C Datasheet PDF - ON Semiconductor

Part # FAN3227C
Download  FAN3227C Click to download

File Size   1419.35 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Gate Drivers, High-Speed, Low-Side, Dual 4-A

FAN3227C Datasheet (HTML) - ON Semiconductor


FAN3227C Product details

Description
The FAN3223−25 family of dual 4 A gate drivers is designed to
drive N−channel enhancement−mode MOSFETs in low-side
switching applications by providing high peak current pulses during
the short switching intervals. The driver is available with either TTL
or CMOS input thresholds. Internal circuitry provides an
under−voltage lockout function by holding the output LOW until the
supply voltage is within the operating range. In addition, the drivers
feature matched internal propagation delays between A and B
channels for applications requiring dual gate drives with critical
timing, such as synchronous rectifiers. This also enables connecting
two drivers in parallel to effectively double the current capability
driving a single MOSFET.
The FAN322X drivers incorporate MillerDrive™ architecture for
the final output stage. This bipolar−MOSFET combination provides
high current during the Miller plateau stage of the MOSFET turn−on /
turn−off process to minimize switching loss, while providing
rail−to−rail voltage swing and reverse current capability.
The FAN3223 offers two inverting drivers and the FAN3224 offers
two non−inverting drivers. Each device has dual independent enable
pins that default to ON if not connected. In the FAN3225, each channel
has dual inputs of opposite polarity, which allows configuration as
non−inverting or inverting with an optional enable function using the
second input. If one or both inputs are left unconnected, internal
resistors bias the inputs such that the output is pulled LOW to hold the
power MOSFET OFF.

Features
• Industry−Standard Pinouts
• 4.5 V to 18 V Operating Range
• 5 A Peak Sink/Source at VDD = 12 V
• 4.3 A Sink / 2.8 A Source at VOUT = 6 V
• Choice of TTL or CMOS Input Thresholds
• Three Versions of Dual Independent Drivers:
♦ Dual Inverting + Enable (FAN3223)
♦ Dual Non−Inverting + Enable (FAN3224)
♦ Dual−Inputs (FAN3225)
• Internal Resistors Turn Driver Off If No Inputs
• MillerDrive Technology
• 12 ns / 9 ns Typical Rise/Fall Times (2.2 nF Load)
• Under 20 ns Typical Propagation Delay Matched within 1 ns to the
Other Channel
• Double Current Capability by Paralleling Channels
• 8−Lead SOIC and 8−Lead SOIC Exposed Pad Package
• Rated from –40°C to +125°C Ambient
• Automotive Qualified to AEC-Q100
• These are Pb−Free Devices

Applications
• Switch−Mode Power Supplies
• High-Efficiency MOSFET Switching
• Synchronous Rectifier Circuits
• DC-to-DC Converters
• Motor Control
• Automotive-Qualified Systems
Related Resources
• AN−6069 — Application Review and
Comparative Evaluation of Low−Side Gate
Drivers




Similar Part No. - FAN3227C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227C FAIRCHILD-FAN3227C Datasheet
465Kb / 12P
Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 22P
Single 2A High-Speed, Low-Side Gate Driver
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Similar Description - FAN3227C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
Dual 4A High-Speed, Low-Side Gate Drivers
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
Dual 4-A High Speed Low-Side MOSFET Drivers
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com