Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFSP1065B-F085 Datasheet (PDF) - ON Semiconductor

FFSP1065B-F085 Datasheet PDF - ON Semiconductor
Part # FFSP1065B-F085
Download  FFSP1065B-F085 Download
File Size   279.43 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 650 V, 10 A

FFSP1065B-F085 Datasheet (PDF)

Go To PDF Page Download Datasheet
FFSP1065B-F085 Datasheet PDF - ON Semiconductor

Part # FFSP1065B-F085
Download  FFSP1065B-F085 Click to download

File Size   279.43 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 650 V, 10 A

FFSP1065B-F085 Datasheet (HTML) - ON Semiconductor


FFSP1065B-F085 Product details

Silicon Carbide (SiC) Schottky Diodes use a completely new
technology that provides superior switching performance and higher
reliability compared to Silicon. No reverse recovery current,
temperature independent switching characteristics, and excellent
thermal performance sets Silicon Carbide as the next generation of
power semiconductor. System benefits include highest efficiency,
faster operating frequency, increased power density, reduced EMI, and
reduced system size and cost.

Features
• Max Junction Temperature 175°C
• Avalanche Rated 49 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery / No Forward Recovery
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Automotive HEV−EV Onboard Chargers
• Automotive HEV−EV DC−DC Converters




Similar Part No. - FFSP1065B-F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
More results


Similar Description - FFSP1065B-F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
logo
ON Semiconductor
FFSM1065A ONSEMI-FFSM1065A Datasheet
467Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
December, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
logo
WOLFSPEED, INC.
C6D10065G WOLFSPEED-C6D10065G Datasheet
1Mb / 6P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D10065Q WOLFSPEED-C6D10065Q Datasheet
707Kb / 7P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com