Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2495CUCX Datasheet (PDF) - ON Semiconductor

FPF2495CUCX Datasheet PDF - ON Semiconductor
Part # FPF2495CUCX
Download  FPF2495CUCX Download
File Size   521.71 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control

FPF2495CUCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF2495CUCX Datasheet PDF - ON Semiconductor

Part # FPF2495CUCX
Download  FPF2495CUCX Click to download

File Size   521.71 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control

FPF2495CUCX Datasheet (HTML) - ON Semiconductor


FPF2495CUCX Product details

Description
The FPF2495C advanced load−management switch targets
applications requiring a highly integrated solution. It disconnects
loads powered from the DC power rail (<6 V) with stringent off−state
current targets and high load capacitances (<100 F). The FPF2495C
consists of a slew−rate controlled low−impedance MOSFET switch
(100 m maximum) and integrated analog features. The slew−rate
controlled turn−on characteristic prevents inrush current and the
resulting excessive voltage droop on power rails. FPF2495C has
over−voltage protection and over−temperature protection.
The FPF2495C has a True Reverse−Current Blocking (TRCB)
function that obstructs unwanted reverse current from VOUT to VIN
during ON and OFF states. The exceptionally low off−state current
drain (<2 A maximum) facilitates compliance with standby power
requirements. The input voltage range operates from 2.5 V to 5.5 VDC
to support a wide range of applications in consumer, optical, medical,
storage, portable, and industrial−device power management. Switch
control is managed by a logic input (active HIGH) capable of
interfacing directly with low−voltage control signal /
General−Purpose Input / Output (GPIO) without an external
pull−down resistor.
The device is packaged in advanced, fully “green” compliant,
1.21 mm x 1.21 mm, Wafer−Level Chip−Scale Package (WLCSP).

Features
• VIN: 2.5 V~5.5 V
• 28 V Absolute Ratings at VOUT
• Current Capability: 2 A
• Adjustable Current Limit: 0.05 A~2 A (Typ.)
♦ 0.1 A~2 A with 10% Accuracy
♦ < 0.1 A with 15% Accuracy
• RON: Maximum 100 m at 5 VIN and 1 A IOUT
• Output OVP: Min. = 5.6 V, Typ. = 5.8 V, Max. = 6 V
• No Output Discharge During Off State
• Open−Drain OCP on FLAGB
• Thermal Shutdown
• Under−Voltage Lockout (UVLO)
• True Reverse−Current Blocking (TRCB)
• Logic CMOS IO Meets JESD76 Standard for GPIO Interface and
Related Power Supply Requirements
• ESD Protected:
♦ Human Body Model: >2 kV
♦ Charged Device Model: >2.5 kV
♦ IEC 61000−4−2 Air Discharge: >15 kV
♦ IEC 61000−4−2 Contact Discharge:
>8 kV
• UL Listed − File No. E467988 and
IEC60950−1 (ed.2): am1
• This is a Pb−Free Device

Applications
• Smart Phones, Tablet PCs
• Storage, DSLR, and Portable Devices




Similar Part No. - FPF2495CUCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2495 ONSEMI-FPF2495 Datasheet
471Kb / 12P
Dual Channel Over-Voltage Protection Load Switch
February 2015 Rev. 1.4
More results


Similar Description - FPF2495CUCX

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2700 FAIRCHILD-FPF2700 Datasheet
1Mb / 19P
Adjustable Over-Current Protection Load Switches
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
logo
Will Semiconductor Ltd.
WS3221C WILLSEMI-WS3221C Datasheet
540Kb / 8P
Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3226C WILLSEMI-WS3226C Datasheet
1Mb / 8P
Over-Voltage-Protection load switch with Adjustable OVLO threshold
logo
Kinetic Technologies.
KTS1688 KINETIC-KTS1688 Datasheet
405Kb / 11P
Low Resistance Load Switch with Current Limit Control and Over-Voltage Reverse Blocking Protection
September 2020 - Revision 04a
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com