Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-FA40SA50LC Datasheet (PDF) - Vishay Siliconix

VS-FA40SA50LC Datasheet PDF - Vishay Siliconix
Part # VS-FA40SA50LC
Download  VS-FA40SA50LC Download
File Size   210.81 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 40 A

VS-FA40SA50LC Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-FA40SA50LC Datasheet PDF - Vishay Siliconix

Part # VS-FA40SA50LC
Download  VS-FA40SA50LC Click to download

File Size   210.81 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 40 A

VS-FA40SA50LC Datasheet (HTML) - Vishay Siliconix


VS-FA40SA50LC Product details

FEATURES
• Fully isolated package
• Easy to use and parallel
• Low on-resistance
• Dynamic dV/dt rating
• Fully avalanche rated
• Simple drive requirements
• Low drain to case capacitance
• Low internal inductance
• UL approved file E78996
• Designed for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
Third generation power MOSFETs from Vishay
Semiconductors provide the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SOT-227 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 500 W. The low thermal resistance
of the SOT-227 contribute to its wide acceptance
throughout the industry.




Similar Part No. - VS-FA40SA50LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
Power MOSFET, 40 A
01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
Power MOSFET, 40 A
13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
More results


Similar Description - VS-FA40SA50LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FC40SA50FKP VISHAY-FC40SA50FKP Datasheet
194Kb / 10P
Power MOSFET, 40 A
12-May-10
logo
ON Semiconductor
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C410NL ONSEMI-NTMFS5C410NL Datasheet
81Kb / 6P
Power MOSFET 40 V, 302 A, Single N?묬hannel
July, 2014 ??Rev. 1
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
Power MOSFET, 40 A
13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
Power MOSFET, 40 A
01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com