Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-FA72SA50LC Datasheet (PDF) - Vishay Siliconix

VS-FA72SA50LC Datasheet PDF - Vishay Siliconix
Part # VS-FA72SA50LC
Download  VS-FA72SA50LC Download
File Size   236.21 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 72 A

VS-FA72SA50LC Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-FA72SA50LC Datasheet PDF - Vishay Siliconix

Part # VS-FA72SA50LC
Download  VS-FA72SA50LC Click to download

File Size   236.21 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 72 A

VS-FA72SA50LC Datasheet (HTML) - Vishay Siliconix


VS-FA72SA50LC Product details

FEATURES
• Fully isolated package
• Easy to use and parallel
• Low on-resistance
• Dynamic dV/dt rating
• Fully avalanche rated
• Simple drive requirements
• Low gate charge device
• Low drain to case capacitance
• Low internal inductance
• UL approved file E78996
• Designed for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
Third generation power MOSFETs from Vishay
Semiconductors provide the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SOT-227 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 600 W to 1000 W. The low thermal
resistance of the SOT-227 contribute to its wide acceptance
throughout the industry.




Similar Part No. - VS-FA72SA50LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC Datasheet
332Kb / 10P
Power MOSFET, 72 A
13-Aug-13
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_15 Datasheet
300Kb / 10P
Power MOSFET, 72 A
13-Aug-13
More results


Similar Description - VS-FA72SA50LC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_15 Datasheet
300Kb / 10P
Power MOSFET, 72 A
13-Aug-13
VS-FA72SA50LC VISHAY-VS-FA72SA50LC Datasheet
332Kb / 10P
Power MOSFET, 72 A
13-Aug-13
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
logo
ON Semiconductor
NTTFS080N10G ONSEMI-NTTFS080N10G Datasheet
203Kb / 7P
MOSFET - Power, Single N-Channel, 8FL 100 V, 72 m, 16 A
July, 2021 ??Rev. 0
NVB072N65S3 ONSEMI-NVB072N65S3 Datasheet
227Kb / 8P
MOSFET - Power, N-Channel, Automotive SUPERFET III, Easy-Drive 650 V, 72 m, 44 A
September, 2021 ??Rev. 5
logo
STMicroelectronics
STW75N60M6-4 STMICROELECTRONICS-STW75N60M6-4 Datasheet
513Kb / 12P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO247-4 package
07-Dec-2018
STW75N60M6 STMICROELECTRONICS-STW75N60M6 Datasheet
539Kb / 13P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO‑247 package
22-Nov-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com