Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS1084L-3.3V Datasheet (PDF) - Silicon Supplies

SIS1084L-3.3V Datasheet PDF - Silicon Supplies
Part # SIS1084L-3.3V
Download  SIS1084L-3.3V Download
File Size   339.58 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Positive Fixed 3.3V Output Low Dropout Voltage Regulator in bare die form

SIS1084L-3.3V Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS1084L-3.3V Datasheet PDF - Silicon Supplies

Part # SIS1084L-3.3V
Download  SIS1084L-3.3V Click to download

File Size   339.58 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Positive Fixed 3.3V Output Low Dropout Voltage Regulator in bare die form

SIS1084L-3.3V Datasheet (HTML) - Silicon Supplies


SIS1084L-3.3V Product details

Description

The SiS1084L-3.3V is a positive 3.3V fixed output
regulator providing 5A output current with high
efficiency. The device accepts input voltages up to
12V and is optimised for smallest die size. Voltage
dropout is guaranteed at 1.5V maximum at 5A. This
device also features on-chip trimming for current limit +
output voltage and includes thermal shutdown for
rugged performance.

Features:

12V input capability with optimised die size
1.5V dropout voltage maximum at 5A
Internal current limiting & reference trimming
Thermal shutdown
Line & Load Regulation: 20mV maximum
Full military temperature range.




Similar Part No. - SIS1084L-3.3V

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS1084L-3.3 SS-SIS1084L-3.3 Datasheet
283Kb / 4P
Linear Voltage Regulator
Rev 1.0 10/05/22
More results


Similar Description - SIS1084L-3.3V

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
logo
International Rectifier
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Silicon Supplies
SIS5219A SS-SIS5219A_V01 Datasheet
4Mb / 8P
Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form
Rev 1.1 30/03/22
78L05AC SS-78L05AC_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com