Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1135346 Datasheet (PDF) - PHOENIX CONTACT

1135346 Datasheet PDF - PHOENIX CONTACT
Part # 1135346
Download  1135346 Download
File Size   342.08 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT-THR 2,5/ 2-V-5,0 P26

1135346 Datasheet (PDF)

Go To PDF Page Download Datasheet
1135346 Datasheet PDF - PHOENIX CONTACT

Part # 1135346
Download  1135346 Click to download

File Size   342.08 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT-THR 2,5/ 2-V-5,0 P26

1135346 Datasheet (HTML) - PHOENIX CONTACT


1135346 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 400 V, nominal cross section: 4
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
SPT 2,5/..-V-THR, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, color: black, Pin layout: Linear double pinning, Solder pin [P]: 2.6 mm,
number of solder pins per potential: 2, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Operation and conductor connection from one direction enable integration into front of device
• Designed for integration into the SMT soldering process




Similar Part No. - 1135346

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1135340 PHOENIX-1135340 Datasheet
370Kb / 11P
PCB terminal block - SPT-THR 2,5/ 8-V-5,0 P20 R72
Jul 6, 2022
1135341 PHOENIX-1135341 Datasheet
370Kb / 11P
PCB terminal block - SPT-THR 2,5/ 9-V-5,0 P20 R72
Jul 6, 2022
logo
Lapp.
1135341 LAPP-1135341 Datasheet
335Kb / 5P
ÖLFLEX® CLASSIC 110 CY - PVC control cable, VDE registered, screened, flexible and numbered for various applications, U0/U: 300/500V
logo
PHOENIX CONTACT
1135343 PHOENIX-1135343 Datasheet
370Kb / 11P
PCB terminal block - SPT-THR 2,5/10-V-5,0 P20 R72
Jul 6, 2022
1135344 PHOENIX-1135344 Datasheet
370Kb / 11P
PCB terminal block - SPT-THR 2,5/11-V-5,0 P20 R72
Jul 6, 2022
More results


Similar Description - 1135346

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1135348 PHOENIX-1135348 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 4-V-5,0 P26
Jun 29, 2022
1135349 PHOENIX-1135349 Datasheet
349Kb / 11P
PCB terminal block - SPT-THR 2,5/ 5-V-5,0 P26
Jun 29, 2022
1135350 PHOENIX-1135350 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 6-V-5,0 P26
Jun 29, 2022
1135351 PHOENIX-1135351 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 7-V-5,0 P26
Jun 29, 2022
1135352 PHOENIX-1135352 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 8-V-5,0 P26
Jun 29, 2022
1135353 PHOENIX-1135353 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 9-V-5,0 P26
Jun 29, 2022
1135354 PHOENIX-1135354 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/10-V-5,0 P26
Jun 29, 2022
1135356 PHOENIX-1135356 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/11-V-5,0 P26
Jun 29, 2022
1135357 PHOENIX-1135357 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/12-V-5,0 P26
Jun 29, 2022
1135293 PHOENIX-1135293 Datasheet
342Kb / 11P
PCB terminal block - SPT-THR 2,5/ 2-H-5,0 P26
Jul 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com